Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC5696 Datasheet(PDF) 6 Page - Texas Instruments

Part No. UCC5696
Description  27 LINE LVD ONLY SCSI TERMINATOR FOR SPI-5
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

UCC5696 Datasheet(HTML) 6 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
UCC5696
SLVS406B – JUNE 2002 – REVISED JUNE 2003
6
www.ti.com
block diagram
UDG–01094
REF 1.25 V
DISCNT
LVD
REG
DIFFB
L27–
L27+
L1–
L1+
SOURCE/SINK REGULATOR
REF 1.3 V
0.7 V to 0.5 V
2.4 V to 1.9 V
HIGH IMPEDANCE RECEIVER EVEN WITH POWER OFF
SINGLE ENDED
HIGH POWER DIFFERENTIAL
DIFSENS
OPEN CIRCUIT ON POWER OFF OR OPEN
CIRCUIT IN A DISABLED TERMINATOR MODE
10 µ A
124
124
52.5
Ω *
52.5
Ω *
52.5 Ω *
52.5 Ω *
4.7 µ F
GND
1.05 mA*
DIGITAL
FILTER
100 ms to 310 ms
HIPD
SE
LOW VOLTAGE DIFFERENTIAL
SWITCHES UP ARE HIGH IMPEDANCE
SWITCHES DOWN ARE LOW
VOLTAGE DIFFERENTIAL
ENABLE
SWITCH
I2C MESSAGE
CONTROLS
DIFFERENTIAL
BIAS CURRENT
AND
DIFFERENTIAL
IMPEDANCE
ICBC
ICBD
ICAD6
ICAD0
1.05 mA*
1.05 mA*
1.05 mA*
1.3 V +/– 0.1 V
TERMPWR
2.7 V to 5.25 V
* DEFAULT CAN BE ADJUSTED BY I2C MESSAGES
PVDD
TERMPWR
TERMPWR
TERMPWR
–15 mA
≤ ISOURCE ≤ –5 mA
50
µA ≤ ISINK ≤ 200 µA
7
8
16
49
43
50
51
52
54
10
1
2
79
80
12
13
14
15


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn