Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T591D227M010ATE040 Datasheet(PDF) 6 Page - Kemet Corporation

Part # T591D227M010ATE040
Description  T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 - 50 VDC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T591D227M010ATE040 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button T591D227M010ATE040 Datasheet HTML 2Page - Kemet Corporation T591D227M010ATE040 Datasheet HTML 3Page - Kemet Corporation T591D227M010ATE040 Datasheet HTML 4Page - Kemet Corporation T591D227M010ATE040 Datasheet HTML 5Page - Kemet Corporation T591D227M010ATE040 Datasheet HTML 6Page - Kemet Corporation T591D227M010ATE040 Datasheet HTML 7Page - Kemet Corporation T591D227M010ATE040 Datasheet HTML 8Page - Kemet Corporation T591D227M010ATE040 Datasheet HTML 9Page - Kemet Corporation T591D227M010ATE040 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2073_T591_T598 • 6/5/2017
66
KEMET Organic Capacitor (KO-CAP®) – Automotive Grade
T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 – 50 VDC
Table 1 – Ratings & Part Number Reference
1
T598 = AEC–Q200 Qualified; T591 Series = Limited to 500 Hours at 85°C/85% RH Load
Refer to Ordering Information for additional detail.
Rated
Voltage
Rated
Cap
Case
Code/
Case
Size
KEMETPart
Number
DC
Leakage
DF
ESR
Maximum
Allowable
Ripple
Current
MSL
Maximum
Operating
Temp
AEC-Q200
Qualified
VDC at 105°C
µF
KEMET/EIA
µAat+25°C
Max/5Minutes
%at+25°C
120HzMax
mΩat+25°C
100kHzMax
mA at +45°C
100 kHz
Reflow Temp
≤ 260°C
°C
T598 Only1
2.5
220
V/7343-20
T591V227M2R5ATE009
55
10
9
4558
3
105
2.5
220
V/7343-20
T591V227M2R5ATE012
55
10
12
3947
3
105
2.5
220
V/7343-20
T591V227M2R5ATE015
55
10
15
3531
3
105
2.5
330
V/7343-20
T591V337M2R5ATE012
82.5
10
12
3947
3
105
2.5
330
V/7343-20
T591V337M2R5ATE025
82.5
10
25
2735
3
105
2.5
330
D/7343-31
T591D337M2R5ATE015
82.5
10
15
3873
3
105
2.5
330
D/7343-31
T591D337M2R5ATE018
82.5
10
18
3536
3
105
4
220
V/7343-20
T591V227M004ATE018
88
10
18
3223
3
105
4
220
V/7343-20
T591V227M004ATE025
88
10
25
2735
3
105
6.3
33
B/3528-21
T598B336M006ATE080
20.8
8
80
1260
3
125
6.3
33
B/3528-21
T591B336M006ATE080
20.8
8
80
1260
3
125
6.3
47
B/3528-21
T598B476M006ATE070
29.6
8
70
1347
3
125
6.3
47
B/3528-21
T591B476M006ATE070
29.6
8
70
1347
3
125
6.3
68
B/3528-21
T598B686M006ATE070
43
8
70
1347
3
125
6.3
68
B/3528-21
T591B686M006ATE070
43
8
70
1347
3
125
6.3
150
V/7343-20
T591V157M006ATE025
94.5
10
25
2735
3
125
6.3
150
V/7343-20
T591V157M006ATE045
94.5
10
45
2039
3
125
6.3
150
D/7343-31
T598D157M006ATE025
94.5
10
25
3000
3
125
6.3
150
D/7343-31
T591D157M006ATE025
94.5
10
25
3000
3
125
6.3
220
D/7343-31
T598D227M006ATE025
139
10
25
3000
3
125
6.3
220
D/7343-31
T591D227M006ATE025
139
10
25
3000
3
125
6.3
330
D/7343-31
T598D337M006ATE025
208
10
25
3000
3
125
6.3
330
D/7343-31
T598D337M006ATE040
208
10
40
2372
3
125
6.3
330
D/7343-31
T598D337M006ATE080
208
10
80
1677
3
125
6.3
330
D/7343-31
T591D337M006ATE025
208
10
25
3000
3
125
6.3
330
D/7343-31
T591D337M006ATE040
208
10
40
2372
3
125
6.3
330
D/7343-31
T591D337M006ATE080
208
10
80
1677
3
125
10
33
B/3528-21
T598B336M010ATE080
33
8
80
1260
3
125
10
33
B/3528-21
T591B336M010ATE080
33
8
80
1260
3
125
10
47
B/3528-21
T598B476M010ATE070
47
8
70
1347
3
125
10
47
B/3528-21
T591B476M010ATE070
47
8
70
1347
3
125
10
100
D/7343-31
T598D107M010ATE025
100
10
25
3000
3
125
10
100
D/7343-31
T598D107M010ATE040
100
10
40
2372
3
125
10
100
D/7343-31
T598D107M010ATE080
100
10
80
1677
3
125
10
100
D/7343-31
T591D107M010ATE025
100
10
25
3000
3
125
10
100
D/7343-31
T591D107M010ATE040
100
10
40
2372
3
125
10
100
D/7343-31
T591D107M010ATE080
100
10
80
1677
3
125
10
100
V/7343-20
T591V107M010ATE025
100
10
25
2735
3
125
10
100
V/7343-20
T591V107M010ATE045
100
10
45
2039
3
125
10
220
D/7343-31
T598D227M010ATE025
220
10
25
3000
3
125
10
220
D/7343-31
T598D227M010ATE040
220
10
40
2372
3
125
10
220
D/7343-31
T598D227M010ATE080
220
10
80
1677
3
125
10
220
D/7343-31
T591D227M010ATE025
220
10
25
3000
3
125
10
220
D/7343-31
T591D227M010ATE040
220
10
40
2372
3
125
10
220
D/7343-31
T591D227M010ATE080
220
10
80
1677
3
125
16
47
D/7343-31
T591D476M016ATE070
75.2
10
70
1793
3
125
16
100
D/7343-31
T598D107M016ATE050
160
10
50
2121
3
125
16
100
D/7343-31
T591D107M016ATE050
160
10
50
2121
3
125
16
150
D/7343-31
T598D157M016ATE065
240
10
65
1900
3
125
16
150
D/7343-31
T591D157M016ATE065
240
10
65
1900
3
125
VDC at 105°C
µF
KEMET/EIA
µAat+25°C
Max/5Minutes
%at+25°C
120HzMax
mΩat+25°C
100kHzMax
mA at +45°C
100 kHz
Reflow Temp
≤ 260°C
°C
T598 Only1
Rated
Voltage
Rated Cap Case Code/
Case Size
KEMET Part Number DC Leakage
DF
ESR
Maximum
Allowable
Ripple Current
MSL
Maximum
Operating
Temp
AEC–Q200
Qualified


Similar Part No. - T591D227M010ATE040

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T591D226M025ATE060 KEMET-T591D226M025ATE060 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T591, 22 uF, 20%, 25 V, 7343, SMD, Polymer, Molded, Low ESR, 60 mOhms, 3.1mm
More results

Similar Description - T591D227M010ATE040

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T59XD107M010ATE025 KEMET-T59XD107M010ATE025 Datasheet
1Mb / 18P
   T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 - 50 VDC
T530X337M010ATE005 KEMET-T530X337M010ATE005 Datasheet
1Mb / 17P
   T530 High Capacitance Low ESR Polymer Electrolytic 125째C, 2.5 ??16 VDC
T540D107M10AH6510 KEMET-T540D107M10AH6510 Datasheet
1Mb / 19P
   T540 COTS Polymer Electrolytic for High Reliability Applications, 2.5 ??63 VDC
T541D157M10AH6510 KEMET-T541D157M10AH6510 Datasheet
1Mb / 23P
   T540/T541 COTS Polymer Electrolytic for High Reliability Applications, 2.5 - 63 VDC
logo
TDK Electronics
CGA2B2NP01H181J050BA TDK-CGA2B2NP01H181J050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA2B2NP01H271J050BA TDK-CGA2B2NP01H271J050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2X8R1E224K125AA TDK-CGA4J2X8R1E224K125AA Datasheet
139Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2X8R1H104K125AA TDK-CGA4J2X8R1H104K125AA Datasheet
139Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA5H2NP01H473J115AA TDK-CGA5H2NP01H473J115AA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA6N3NP02E333J230AA TDK-CGA6N3NP02E333J230AA Datasheet
238Kb / 1P
   Automotive Grade ( High Temperature Application ) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com