Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C052H272K1G5GA7303 Datasheet(PDF) 9 Page - Kemet Corporation

Part # C052H272K1G5GA7303
Description  Radial Through-Hole Multilayer Ceramic Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C052H272K1G5GA7303 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button C052H272K1G5GA7303 Datasheet HTML 5Page - Kemet Corporation C052H272K1G5GA7303 Datasheet HTML 6Page - Kemet Corporation C052H272K1G5GA7303 Datasheet HTML 7Page - Kemet Corporation C052H272K1G5GA7303 Datasheet HTML 8Page - Kemet Corporation C052H272K1G5GA7303 Datasheet HTML 9Page - Kemet Corporation C052H272K1G5GA7303 Datasheet HTML 10Page - Kemet Corporation C052H272K1G5GA7303 Datasheet HTML 11Page - Kemet Corporation C052H272K1G5GA7303 Datasheet HTML 12Page - Kemet Corporation C052H272K1G5GA7303 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1073_HT_C0G_RADIAL_MOLDED • 9/25/2015
9
Radial Through-Hole Multilayer Ceramic Capacitors
High Temperature 200°C, Radial, Molded, C0G Dielectric, 50 – 200 VDC (Industrial Grade)
Application Notes
Working Voltage:
Application voltage (Vp-p or Vo-p) must not exceed the voltage rating of the capacitor. Irregular voltages can be generated for a
transient period of time when voltage is initially applied and/or removed from a circuit. It is important to choose a capacitor with a
voltage rating greater than or equal to these irregular voltages.
Operating Temperature and Self-Generating Heat:
The surface temperature of a capacitor should be kept below the upper limit of its rated operating temperature range. Be sure to take
into account the heat generated by the capacitor itself. When the capacitor is used in a high-frequency current, pulse current or similar
current, it may self-generate heat due to dielectric loss. Temperature rise due to self-generated heating should not exceed 20°C (while
operated at an atmosphere temperature of 25°C).
FAILURE TO FOLLOW THE ABOVE CAUTIONS MAY RESULT, WORST CASE, IN A SHORT CIRCUIT AND CAUSE FUMING OR
PARTIAL DISPERSION WHEN THE PRODUCT IS USED.


Similar Part No. - C052H272K1G5GA7303

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C052H100J2G5GA KEMET-C052H100J2G5GA Datasheet
53Kb / 1P
   Ceramic, 200C, MoldedHighTemp, 10 pF, 5%, 200 V, C0G, High Temp, 200C, Radial Molded, Gold Termination, Industrial Grade, Lead Spacing = 5.08mm
C052H103K1G5GA KEMET-C052H103K1G5GA Datasheet
53Kb / 1P
   Ceramic, 200C, MoldedHighTemp, 0.01 uF, 10%, 100 V, C0G, High Temp, 200C, Radial Molded, Gold Termination, Industrial Grade, Lead Spacing = 5.08mm
C052H104K5G5GAT500 KEMET-C052H104K5G5GAT500 Datasheet
53Kb / 1P
   Capacitor, ceramic
C052H105J1R5GA7061 KEMET-C052H105J1R5GA7061 Datasheet
1Mb / 13P
   Radial Through-Hole Multilayer Ceramic Capacitors
C052H105J1R5GA7301 KEMET-C052H105J1R5GA7301 Datasheet
1Mb / 13P
   Radial Through-Hole Multilayer Ceramic Capacitors
More results

Similar Description - C052H272K1G5GA7303

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C062H105K5R5GA7303 KEMET-C062H105K5R5GA7303 Datasheet
1Mb / 13P
   Radial Through-Hole Multilayer Ceramic Capacitors
logo
Kingtronics Internation...
MKT KINGTRONICS-MKT Datasheet
352Kb / 3P
   Radial Multilayer Ceramic Capacitors
logo
Kemet Corporation
T35XA105M035AS KEMET-T35XA105M035AS Datasheet
504Kb / 13P
   Tantalum Through-Hole Capacitors ??Radial Dipped
logo
Vishay Siliconix
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
logo
Kemet Corporation
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C102M1R5TA KEMET-C320C102M1R5TA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052G102J1G5CR KEMET-C052G102J1G5CR_10 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
logo
United Chemi-Con, Inc.
KTD251B104M32A0T00 CHEMI-CON-KTD251B104M32A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com