Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT8970 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT8970
Description  Voice Echo
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8970 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT8970_08 Datasheet HTML 1Page - Holtek Semiconductor Inc HT8970_08 Datasheet HTML 2Page - Holtek Semiconductor Inc HT8970_08 Datasheet HTML 3Page - Holtek Semiconductor Inc HT8970_08 Datasheet HTML 4Page - Holtek Semiconductor Inc HT8970_08 Datasheet HTML 5Page - Holtek Semiconductor Inc HT8970_08 Datasheet HTML 6Page - Holtek Semiconductor Inc HT8970_08 Datasheet HTML 7Page - Holtek Semiconductor Inc HT8970_08 Datasheet HTML 8Page - Holtek Semiconductor Inc HT8970_08 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Application Circuits
Echo Mode
Note:
: Analog ground,
: Digital ground
When the value of the ROSC increases, the range of the Delay time also increases. Please refer to the
ROSC
- fOSC - Delay_time Cross table for the ROSC & Delay time values.
HT8970
Rev. 1.10
5
May 2, 2008
V C C
R E F
A G N D
4 . 7 m F
1
2
3
D G N D
O S C _ O
V C O
C C 1
4
5
6
7
C C 0
8
1 0 0 m F
0 . 1 m F
0 . 1 m F
L P F 1 _ I N
L P F 1 _ O U T
5 6 0 p F
1 0 k W
1 2 k W
1 6
1 5
4 . 7 m F
5 6 0 0 p F
1 5 k W
4 . 7 m F
1 0 0 k W
1 3 k W
1 0 m F
0 . 0 3 3 m F
O u t p u t
1 0 m F
1 5 k W
L P F 2 _ O U T
L P F 2 _ I N
5 6 0 p F
1 5 k W
1 0 k W
1 4
1 3
5 6 0 p F
O P 2 _ O U T
O P 2 _ I N
1 5 k W
1 2
1 1
0 . 0 4 7 m F
O P 1 _ I N
O P 1 _ O U T
0 . 0 4 7 m F
1 0
9
5 V
R
2 0 k W
4 . 7 m F
3 9 p F
4 7 k W
2 2 m F
5 6 0 W
4
9 V
8
1
3
2
2 0 k W
9 V
4 . 7 k W
4 7 k W
4 . 7 k W
1 0 0 m F
1 k W
1 m F
4 . 7 k W
1 k W
0 . 6 8 m F
4 . 7 k W
M I C
4 5 5 8
4 . 7 k W
H T 8 9 7 0
0 . 1 m F


Similar Part No. - HT8970_08

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT8970 HOLTEK-HT8970 Datasheet
100Kb / 9P
   Voice Echo
More results

Similar Description - HT8970_08

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT8955A HOLTEK-HT8955A Datasheet
589Kb / 7P
   Voice Echo
HT8970 HOLTEK-HT8970 Datasheet
100Kb / 9P
   Voice Echo
HT8972 HOLTEK-HT8972 Datasheet
139Kb / 13P
   Voice Echo
logo
Zarlink Semiconductor I...
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
   16 Channel Voice Echo Canceller
logo
Mitel Networks Corporat...
MT9123 MITEL-MT9123 Datasheet
191Kb / 32P
   CMOS Dual Voice Echo Canceller
logo
Zarlink Semiconductor I...
ZL38065 ZARLINK-ZL38065_06 Datasheet
657Kb / 48P
   32 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
   8 Channel Voice Echo Canceller
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
   8 Channel Voice Echo Canceller
ZL50233 ZARLINK-ZL50233_06 Datasheet
547Kb / 38P
   4 Channel Voice Echo Cancellor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com