Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC68F2130 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # BC68F2130
Description  Sub-1GHz RF Transmitter Flash MCU
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

BC68F2130 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button BC68F2130 Datasheet HTML 6Page - Holtek Semiconductor Inc BC68F2130 Datasheet HTML 7Page - Holtek Semiconductor Inc BC68F2130 Datasheet HTML 8Page - Holtek Semiconductor Inc BC68F2130 Datasheet HTML 9Page - Holtek Semiconductor Inc BC68F2130 Datasheet HTML 10Page - Holtek Semiconductor Inc BC68F2130 Datasheet HTML 11Page - Holtek Semiconductor Inc BC68F2130 Datasheet HTML 12Page - Holtek Semiconductor Inc BC68F2130 Datasheet HTML 13Page - Holtek Semiconductor Inc BC68F2130 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 148 page
background image
Rev. 1.10
10
�a� 1�� �01�
Rev. 1.10
11
�a� 1�� �01�
BC68F2130/BC68F2140
Sub-1GHz RF Transmitter Flash MCU
BC68F2130/BC68F2140
Sub-1GHz RF Transmitter Flash MCU
Pin Name
Function
OPT
I/T
O/T
Description
PA�/PTP/
ICPCK/
OCDSCK
PA�
PAPU
PAWU
PAS0
ST
C�OS General purpose I/O. Register enabled pull-up and wake-up
PTP
PAS0
C�OS PT� output
ICPCK
ST
ICP clock
OCDSCK
ST
OCDS clock
PA3/INT0
PA3
PAPU
PAWU
PAS0
ST
C�OS General purpose I/O. Register enabled pull-up and wake-up
INT0
PAS0
ST
External interrupt 0 input
PA4/INT1
PA4
PAPU
PAWU
PAS1
ST
C�OS General purpose I/O. Register enabled pull-up and wake-up
INT1
PAS1
ST
External interrupt 1 input
PA5/CTP
PA5
PAPU
PAWU
PAS1
ST
C�OS General purpose I/O. Register enabled pull-up and wake-up
CTP
PAS1
C�OS CT� output
PB4~PB5
PBn
PBPU
ST
C�OS General purpose I/O. Register enabled pull-up
OSC1
OSC1
HXT
RF oscillator input
OSC�
OSC�
HXT RF oscillator output
RFOUT
RFOUT
AN
RF power amplifier output
VDD
VDD
PWR
3.3V positive power suppl�
V15O
V15O
PWR
Internal 1.5V LDO output
VSS
VSS
PWR
Digital negative power suppl�
VDDRF
VDDRF
PWR
RF positive power suppl�
VSSRF_PA
VSSRF_PA
PWR
RF power amplifier negative power supply
Legend:I/T:Inputtype;
O/T:Outputtype;
OPT:Optionalbyregisteroption;
PWR:Power;
ST:SchmittTriggerinput;
CMOS:CMOSoutput;
AN:Analogsignal;
HXT:Highfrequencycrystaloscillator;
BC68F2140
Pin Name
Function
OPT
I/T
O/T
Description
PA0/PTPI/PTPB/
ICPDA/OCDSDA
PA0
PAPU
PAWU
PAS0
ST C�OS General purpose I/O. Register enabled pull-up and wake-up
PTPI
PAS0
ST
PT� capture input
PTPB
PAS0
C�OS PT� inverted output
ICPDA
ST C�OS ICP Address/Data
OCDSDA
ST C�OS OCDS data/address
PA1/PTCK
PA1
PAPU
PAWU
PAS0
ST C�OS General purpose I/O. Register enabled pull-up and wake-up
PTCK
PAS0
ST
PT� clock input


Similar Part No. - BC68F2130

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BC68F2123 HOLTEK-BC68F2123 Datasheet
6Mb / 117P
   Sub-1GHz OOK/FSK TX Soc 1K Flash MCU
More results

Similar Description - BC68F2130

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F03T3 HOLTEK-HT66F03T3 Datasheet
152Kb / 14P
   8-Bit Flash MCU with RF Transmitter
BC68F2123 HOLTEK-BC68F2123 Datasheet
6Mb / 117P
   Sub-1GHz OOK/FSK TX Soc 1K Flash MCU
BC2102 HOLTEK-BC2102 Datasheet
1Mb / 15P
   Sub-1GHz OOK/FSK Transmitter
logo
Microchip Technology
ATA8710 MICROCHIP-ATA8710 Datasheet
508Kb / 39P
   Sub-GHz ASK/FSK RF Transmitter with Integrated MCU and 20 Kbytes Flash Program Memory
09/2021
logo
Holtek Semiconductor In...
4XR01T3V130 HOLTEK-4XR01T3V130 Datasheet
153Kb / 16P
   8-Bit OTP MCU with RF Transmitter
HT46R01T3 HOLTEK-HT46R01T3 Datasheet
153Kb / 16P
   8-Bit OTP MCU with RF Transmitter
BC66F840 HOLTEK-BC66F840 Datasheet
6Mb / 242P
   2.4GHz Flash RF TX/RX MCU
logo
Texas Instruments
CC1101 TI1-CC1101_08 Datasheet
926Kb / 94P
[Old version datasheet]   Low-Cost Low-Power Sub-1GHz RF Transceiver
logo
Holtek Semiconductor In...
BC68F0031 HOLTEK-BC68F0031 Datasheet
6Mb / 148P
   I/O RF Transparent Transmission Flash MCU
logo
Texas Instruments
CC1101 TI-CC1101 Datasheet
979Kb / 94P
[Old version datasheet]   Low-Cost Low-Power Sub-1GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com