Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC48R2020 Datasheet(PDF) 66 Page - Holtek Semiconductor Inc

Part # BC48R2020
Description  315/433MHz Remote RF TX 8-Bit OTP MCU
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

BC48R2020 Datasheet(HTML) 66 Page - Holtek Semiconductor Inc

Back Button BC48R2020 Datasheet HTML 59Page - Holtek Semiconductor Inc BC48R2020 Datasheet HTML 60Page - Holtek Semiconductor Inc BC48R2020 Datasheet HTML 61Page - Holtek Semiconductor Inc BC48R2020 Datasheet HTML 62Page - Holtek Semiconductor Inc BC48R2020 Datasheet HTML 63Page - Holtek Semiconductor Inc BC48R2020 Datasheet HTML 64Page - Holtek Semiconductor Inc BC48R2020 Datasheet HTML 65Page - Holtek Semiconductor Inc BC48R2020 Datasheet HTML 66Page - Holtek Semiconductor Inc BC48R2020 Datasheet HTML 67Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 66 / 67 page
background image
Rev. 1.10
66
�a� 0�� �01�
Rev. 1.10
67
�a� 0�� �01�
BC48R2020
315/433MHz Remote RF TX 8-Bit OTP MCU
BC48R2020
315/433MHz Remote RF TX 8-Bit OTP MCU
16-pin NSOP (150mil) Outline Dimensions
$

'
&
=
)
*
+
,
-
.
/
0
+
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.�36 BSC
B
0.1�� BSC
C
0.01�
0.0�0
C'
0.390 BSC
D
0.069
E
0.0�0 BSC
F
0.00�
0.010
G
0.016
0.0�0
H
0.00�
0.010
α
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
6.000 BSC
B
3.900 BSC
C
0.31
0.�1
C'
9.900 BSC
D
1.7�
E
1.�70 BSC
F
0.10
0.��
G
0.�0
1.�7
H
0.10
0.��
α


Similar Part No. - BC48R2020

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Continental Device Indi...
BC485 CDIL-BC485 Datasheet
364Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC485A CDIL-BC485A Datasheet
364Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC485B CDIL-BC485B Datasheet
364Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC485L CDIL-BC485L Datasheet
364Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BC48R2020

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48RA3 HOLTEK-HT48RA3 Datasheet
245Kb / 36P
   8-Bit Remote Type OTP MCU
HT48RA0-5 HOLTEK-HT48RA0-5 Datasheet
266Kb / 38P
   Remote Type 8-Bit OTP MCU
HT48RA0-5 HOLTEK-HT48RA0-5_12 Datasheet
259Kb / 38P
   Remote Type 8-Bit OTP MCU
HT45R22E HOLTEK-HT45R22E Datasheet
432Kb / 72P
   Remote Type 8-bit OTP MCU with EEPROM
HT46R01T3 HOLTEK-HT46R01T3 Datasheet
153Kb / 16P
   8-Bit OTP MCU with RF Transmitter
4XR01T3V130 HOLTEK-4XR01T3V130 Datasheet
153Kb / 16P
   8-Bit OTP MCU with RF Transmitter
logo
Silan Microelectronics ...
SC65D02P40 SILAN-SC65D02P40 Datasheet
1Mb / 16P
   8-BIT MCU FOR PRESET REMOTE CONTROL (OTP TYPE)
logo
Holtek Semiconductor In...
BC68F2420 HOLTEK-BC68F2420 Datasheet
5Mb / 116P
   315/433MHz RF Super-regenerative Receiver SoC Flash MCU
BC68F2420BC68F2420 HOLTEK-BC68F2420BC68F2420 Datasheet
5Mb / 116P
   315/433MHz RF Super-regenerative Receiver SoC Flash MCU
logo
Core Technology (Shenzh...
CSU8RP3115B CHIPSEA-CSU8RP3115B Datasheet
2Mb / 93P
   8 - bit RISC OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com