Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6R6G6R6GA Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # S6R6G6R6GA
Description  Best Suited for Local Oscillator of Microwave Equipment with Low Phase Noise and Low Spurious Emission
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

S6R6G6R6GA Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  S6R6G6R6GA Datasheet HTML 1Page - NIHON DEMPA KOGYO S6R6G6R6GA Datasheet HTML 2Page - NIHON DEMPA KOGYO S6R6G6R6GA Datasheet HTML 3Page - NIHON DEMPA KOGYO S6R6G6R6GA Datasheet HTML 4Page - NIHON DEMPA KOGYO S6R6G6R6GA Datasheet HTML 5Page - NIHON DEMPA KOGYO S6R6G6R6GA Datasheet HTML 6Page - NIHON DEMPA KOGYO S6R6G6R6GA Datasheet HTML 7Page - NIHON DEMPA KOGYO S6R6G6R6GA Datasheet HTML 8Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
S6R6G6R6GA Rev.1.0
Jul.13, 2011
Page 1/8
Features
* Best Suited for Local Oscillator of Microwave Equipment with
Low Phase Noise and Low Spurious Emission
* Programmable Channel Selection by Rotary Switch or
Serial Control Signal
* Built-in PLL Circuit for Synchronizing to External Reference Signal
(TCXO is Active in Case of No External Reference Signal.)
Specifications
Frequency Range:
6570.50MHz to 6589.75MHz
Frequency Resolution:
125kHz
Frequency Setting:
Rotary Switch or Serial Control Signal
Frequency Stability
Depends on External Reference Signal
Within +/- 5ppm / 10 years
(Internal TCXO Stability)
1
External Reference Frequency Range:
10MHz +/- 100Hz
External Reference Signal Level:
0dBm -10dB / +3dB
Phase Noise
< -47dBc
Integrated 1kHz to 2MHz
Output Level:
+11dBm +/- 2dB
Monitor Output Level:
-9dBm +/- 2dB
Lock-up Time
< 500m sec
2
Spurious Harmonics :
< -50dBc
Spurious Non-harmonics :
< -75dBc
3
< -65dBc
4
Interface:
Output
SMA-F Connector
Monitor Signal Output
SMA-F Connector
External Reference Input
SMB-R Connector
Power Suppl/Control Alarm Connector
DF11-12DP-2DS (manufactured by Hirose Electric Co.,LTd.)
Power Supply Voltage:
Vcc = DC+10V +/- 0.5V Current Consumption < 0.6A)
Operating Temperature:
0
to +55
Dimensions:
Length(140mm) x Width(70mm) x Height(22mm)
http://www.ndk.com/
□ Specifications described in this brochure are subject to change without notice for improvement.
□ The above specifications are standard for this NDK product. Custom-made specifications such as frequency and
other specifications are also available.
Microwave Synthesizer
Model : S6R6G6R6GA
6570.50MHz to 6589.75MHz
Function Block
PLL
Circuit
TCXO
CPU
Output
10MHz Ext.
Ref. Signal
Power
Supply
and Control/
Alarm Signal
VCO
AMP
Monitor Signal
※1 Aging Stability (Temp. Stability from 25℃ is less than +/-1 ppm )
※2 Frequency Setting by Serial Control
※3 In the frequency range +/-125kHz to +/-10MHz from output frequency
※4 In the frequency range 10MHz to 18GHz (excluded within +/- 10MHz from output frequency)
DIGITAL
PLL
DET
CPL
DET : Detector
CPL : Directional Coupler


Similar Part No. - S6R6G6R6GA

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
S6R0G6R1GA NDK-S6R0G6R1GA Datasheet
499Kb / 2P
   Local Oscillator of Microwave Equipment
More results

Similar Description - S6R6G6R6GA

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
S010G010GA NDK-S010G010GA Datasheet
499Kb / 2P
   Local Oscillator of Microwave Equipment
logo
List of Unclassifed Man...
CFS308 ETC2-CFS308 Datasheet
713Kb / 1P
   BEST SUITED FOR PORTABLE WITH LOW CURRENT CONSUMPTION
logo
NIHON DEMPA KOGYO
S3R0G3R0GA NDK-S3R0G3R0GA Datasheet
439Kb / 2P
   Local Oscillator for Microwave Radios
logo
Tyco Electronics
MASYML0007 MACOM-MASYML0007 Datasheet
115Kb / 2P
   Low Phase Noise Phase Locked Oscillator
logo
CRYSTEK CORPORATION
CCHD-575 CRYSTEKMICROWAVE-CCHD-575 Datasheet
627Kb / 4P
   Ultra-Low Phase Noise Oscillator
CCHD-950 CRYSTEKMICROWAVE-CCHD-950 Datasheet
388Kb / 2P
   Ultra-Low Phase Noise Oscillator
logo
Crystek Corporation
CCHD-575 CRYSTEKCRYSTAL-CCHD-575 Datasheet
126Kb / 2P
   Ultra-Low Phase Noise Oscillator
CCHD-957 CRYSTEKCRYSTAL-CCHD-957_15 Datasheet
327Kb / 2P
   Ultra-Low Phase Noise Oscillator
CVHD-950 CRYSTEKCRYSTAL-CVHD-950_15 Datasheet
323Kb / 3P
   Ultra-Low Phase Noise Oscillator
logo
Vectron International, ...
PX-706 VECTRON-PX-706 Datasheet
683Kb / 5P
   Clock Oscillator Low Phase Noise
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com