Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSC5088D Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # NSC5088D
Description  Crystal Clock Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NSC5088D Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  NSC5088D Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Clock Oscillator
1703A_NZ2016SK_e
NZ2016SK
Dual output (32.768 kHz + MHz)
Absolute maximum rating
Supply Voltage (VCC) –0.3 to +4.5 V
Storage Temperature Range –55 to +125 °C
● Bluetooth Low Energy (BLE) communication function.
● Wearable devices, and compact and thin devices such as smartphone and tablet.
● Devices both with clock signal source for microcomputer and clock function other
than above.
Application
General Specification
Item
Model
NZ2016SK
Output Frequency (1)
(kHz)
32.768
Output Frequency (2)
(MHz)
16, 24, 25, 26, 32
Supply Voltage (VCC)
(V)
+1.6 to +3.7
Operating Temperature Range
(°C)
–40 to +85
Current
Consumption
Max.
(+25°C)
No-Load
Single output(*1)
(32.768kHz)
(μA)
1.0
(at +1.8 V)
1.3
(at +3.3 V)
Dual output
(32.768kHz+MHz) (mA)
1.0
(at +1.8 V)
1.4
(at +3.3 V)
*1 : Average current
Specifications
● Dual output (32.768kHz+MHz output)
● Mode function available
(Single output (32.768kHz) or Dual output (32.768kHz+MHz) is selectable.)
● Ultra low current consumption : Typ. 0.8μA (32.768kHz Single output)
● Dimension : 2.0 × 1.6 mm, Height 0.7mm
● Wide voltage operation range (VCC = +1.6 V to +3.7 V)
● CMOS output level
● High reliability, hermetically sealed ceramic package
Features
Dimensions
Please specify the model name, frequency, and specification
number when you order products.
For further questions regarding specifications, please feel free to
contact us.
(1) 32.768kHz output specification
Item
Specification
Frequency Tolerance
(+25°C)
(×10–6)
±20
(3 days average)
Frequency/Temperature
Characteristics
(–40 to +85°C, with
reference to +25°C)
(×10–6)
±30
(3 days average)
Output Voltage (VOH / VOL)
(V)
Min. 0.9VCC / Max. 0.1VCC
Symmetry
(%)
45 to 55
Load (CL)
(pF)
Max. 15
Funcion table
#1 Input
Mode
#2 Output
#4 Output
32.768kHz
MHz
Level H (0.7 VCC ≤ VIH ≤ VCC)
Output ON
Output ON
Level L (VIL ≤ 0.3 VCC)
Output ON
Output OFF
(2) MHz output specification
Item
Specification
Overall Frequency
Tolerance
(×10–6)
±20, ±40
Output Voltage (VOH / VOL)
(V)
Min. 0.9VCC / Max. 0.1VCC
Symmetry
(%)
45 to 55
Load (CL)
(pF)
Max. 15
Start-up Time
(ms)
Max. 1.0
Specification Number
MHz output specification
Supply Voltage (V)
Overall
Frequency Tolerance
+1.8±0.18
+3.3±0.33
+1.6 to +3.7
±20 × 10–6
NSC5089A
NSC5089D
NSC5089E
±40 × 10–6
NSC5088A
NSC5088D
NSC5089E
mm
#1
#2
#3
#4
#5
#6
Mode
OUTPUT 1 (32.768kHz)
GND
OUTPUT 2 (MHz)
NC*
VCC
Terminal land connections
*#5 NC is connected to #3 GND by
internal routing of package.
Please remain #5 NC or connect to GND.
Mount an approx. 0.01µF bypass
capacitor between Vcc (#6)
and GND (#3) (close to the product)
#6
#4
#5
#1
#3
#2
0.62
0.40
0.33
2.30
0.415
#1
#3
#2
#4
#5
#6
0.4
0.33
2.0±0.1


Similar Part No. - NSC5088D

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NSC5088D NDK-NSC5088D Datasheet
870Kb / 1P
   Dual output
More results

Similar Description - NSC5088D

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NZ2520SB NDK-NZ2520SB Datasheet
96Kb / 1P
   Crystal Clock Oscillator
2725Z NDK-2725Z_15 Datasheet
805Kb / 1P
   Crystal Clock Oscillator
NZ3225SJ NDK-NZ3225SJ Datasheet
731Kb / 1P
   Crystal Clock Oscillator
logo
List of Unclassifed Man...
TFG-786XH ETC1-TFG-786XH Datasheet
51Kb / 1P
   Crystal Clock Oscillator
HS360 ETC1-HS360 Datasheet
78Kb / 2P
   Crystal Clock Oscillator
NCL030C ETC1-NCL030C Datasheet
147Kb / 1P
   Crystal Clock Oscillator
logo
IQD Frequency Products ...
LFSPXO071976 IQD-LFSPXO071976 Datasheet
193Kb / 2P
   Crystal Clock Oscillator
LFSPXO076035 IQD-LFSPXO076035 Datasheet
233Kb / 2P
   Crystal Clock Oscillator
LFSPXO009586 IQD-LFSPXO009586 Datasheet
392Kb / 2P
   Crystal Clock Oscillator
LFSPXO018032 IQD-LFSPXO018032 Datasheet
745Kb / 2P
   Crystal Clock Oscillator
LFSPXO018039 IQD-LFSPXO018039 Datasheet
1,009Kb / 2P
   Crystal Clock Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com