Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC2810 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC2810
Description  8-BIT LED DRIVER WITH I2C INTERFACE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC2810 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPIC2810 Datasheet HTML 3Page - Texas Instruments TPIC2810 Datasheet HTML 4Page - Texas Instruments TPIC2810 Datasheet HTML 5Page - Texas Instruments TPIC2810 Datasheet HTML 6Page - Texas Instruments TPIC2810 Datasheet HTML 7Page - Texas Instruments TPIC2810 Datasheet HTML 8Page - Texas Instruments TPIC2810 Datasheet HTML 9Page - Texas Instruments TPIC2810 Datasheet HTML 10Page - Texas Instruments TPIC2810 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TPIC2810
8-BIT LED DRIVER WITH I2C INTERFACE
SLIS109A – DECEMBER 2001 – REVISED SEPTEMBER 2002
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
thermal resistance
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
R
θJA
Junction-to-ambient thermal resistance
All 8 outputs with equal power
115
°C/W
PARAMETER MEASUREMENT INFORMATION
NOTES: A. The word generator has the following characteristics: tr ≤ 30 ns, tf ≤ 30 ns, pulsed repetition rate (PRR) = 400 kHz, ZO = 50 Ω.
B. CL includes probe and jig capacitance.
SCL
SDA
G
D0, 2, 4, 6
D1, 3, 5, 7
D0, 2, 4, 6 = On
D1, 3, 5, 7 = Off
Voltage Waveforms
Acknowledge
Occurs Here
5 V
0 V
5 V
0 V
5 V
0 V
15 V
0 V
15 V
0 V
RL = 200 Ω
SDA
SCL
G
A0
DRAIN
DUT
VCC
2
15
8
910
7
16
3–6, 11–14
Output
15 V
5 V
1
Word
Generator
(See Note A)
Test Circuit
5 V
A2 GND
A1
R = 2 k
ID
CL = 30 pF
(See Note B)
Figure 1. Resistive-Load Test Circuit and Voltage Waveforms


Similar Part No. - TPIC2810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2810 TI1-TPIC2810 Datasheet
880Kb / 23P
[Old version datasheet]   8-BIT LED DRIVER WITH 12C INTERFACE
TPIC2810D TI1-TPIC2810D Datasheet
880Kb / 23P
[Old version datasheet]   8-BIT LED DRIVER WITH 12C INTERFACE
TPIC2810DG4 TI1-TPIC2810DG4 Datasheet
880Kb / 23P
[Old version datasheet]   8-BIT LED DRIVER WITH 12C INTERFACE
TPIC2810DR TI1-TPIC2810DR Datasheet
880Kb / 23P
[Old version datasheet]   8-BIT LED DRIVER WITH 12C INTERFACE
TPIC2810DRG4 TI1-TPIC2810DRG4 Datasheet
880Kb / 23P
[Old version datasheet]   8-BIT LED DRIVER WITH 12C INTERFACE
More results

Similar Description - TPIC2810

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
11-MD118A SITI-11-MD118A Datasheet
515Kb / 20P
   8-BIT DAC VCM Driver with I2C Interface
11-MD118B SITI-11-MD118B Datasheet
339Kb / 20P
   8-BIT DAC VCM Driver with I2C Interface
logo
Texas Instruments
TPIC2810 TI1-TPIC2810_15 Datasheet
880Kb / 23P
[Old version datasheet]   8-BIT LED DRIVER WITH 12C INTERFACE
logo
ATMEL Corporation
MSLB9082 ATMEL-MSLB9082 Datasheet
2Mb / 20P
   Compact, 8-channel, 20W LED Driver Board with I2C Interface
logo
NXP Semiconductors
PCA9551 PHILIPS-PCA9551 Datasheet
161Kb / 21P
   8-bit I2C LED driver with programmable blink rates
2004 Oct 01
logo
Texas Instruments
TLC59108F TI-TLC59108F Datasheet
696Kb / 27P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
TLC59208F TI-TLC59208F Datasheet
582Kb / 27P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
TLC59208F TI-TLC59208F_1 Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634 NXP-PCA9634 Datasheet
201Kb / 38P
   8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
PCA9634 PHILIPS-PCA9634 Datasheet
296Kb / 39P
   8-bit Fm I2C-bus LED driver
Rev. 7-10 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com