Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C410C105K5N5HA9170 Datasheet(PDF) 4 Page - Kemet Corporation

Part # C410C105K5N5HA9170
Description  Aximax, 400 Series, Axial, Conformally Coated, X8L Dielectric, 25 - 50 VDC (Commercial & Automotive Grade)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C410C105K5N5HA9170 Datasheet(HTML) 4 Page - Kemet Corporation

  C410C105K5N5HA9170 Datasheet HTML 1Page - Kemet Corporation C410C105K5N5HA9170 Datasheet HTML 2Page - Kemet Corporation C410C105K5N5HA9170 Datasheet HTML 3Page - Kemet Corporation C410C105K5N5HA9170 Datasheet HTML 4Page - Kemet Corporation C410C105K5N5HA9170 Datasheet HTML 5Page - Kemet Corporation C410C105K5N5HA9170 Datasheet HTML 6Page - Kemet Corporation C410C105K5N5HA9170 Datasheet HTML 7Page - Kemet Corporation C410C105K5N5HA9170 Datasheet HTML 8Page - Kemet Corporation C410C105K5N5HA9170 Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1072_AXIMAX_X8L • 10/17/2016
4
Axial Through-Hole Multilayer Ceramic Capacitors
Aximax, 400 Series, Axial, Conformally Coated, X8L Dielectric, 25 – 50 VDC (Commercial & Automotive Grade)
Table 1A - C410 Style/Size (0.095" Diameter x 0.170" L), Capacitance Range Waterfall
C410 Style/Size (0.095" Diameter x 0.170" L)
Rated Voltage (VDC)
25
50
Voltage Code
3
5
Capacitance
Capacitance
Tolerance
Capacitance Code (Available Capacitance)
0.1µF
J = ±5%
K = ±10%
M = ±20%
104
104
0.12µF
124
124
0.15µF
154
154
0.18µF
184
184
0.22µF
224
224
0.27µF
274
0.33µF
334
0.39µF
394
0.47µF
474
0.56µF
564
0.68µF
684
Rated Voltage (VDC)
25
50
Voltage Code
3
5
Table 1B - C430 Style/Size (0.150" Diameter x 0.290" L), Capacitance Range Waterfall
C430 Style/Size (0.150" Diameter x 0.290" L)
Rated Voltage (VDC)
25
50
Voltage Code
3
5
Capacitance
Capacitance
Tolerance
Capacitance Code (Available Capacitance)
0.33µF
J = ±5%
K = ±10%
M = ±20%
334
0.39µF
394
0.47µF
474
0.82µF
824
1.0µF
105
1.2µF
125
1.5µF
155
1.8µF
185
2.2µF
225
Rated Voltage (VDC)
25
50
Voltage Code
3
5


Similar Part No. - C410C105K5N5HA9170

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C105K5R5HA7200 KEMET-C410C105K5R5HA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C410C105K5R5HA7293 KEMET-C410C105K5R5HA7293 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C410C105K5R5TA7200 KEMET-C410C105K5R5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C410C105K5R5TA7293 KEMET-C410C105K5R5TA7293 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C410C105K5R5TA9170 KEMET-C410C105K5R5TA9170 Datasheet
2Mb / 12P
   Axial Leaded Multilayer Ceramic Capacitors
More results

Similar Description - C410C105K5N5HA9170

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200_17 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
C410C105K3R5TA7200 KEMET-C410C105K3R5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C410C472J5H5TA7200 KEMET-C410C472J5H5TA7200 Datasheet
2Mb / 10P
   Aximax, 400 Series, Axial, Conformally Coated, Ultra-Stable X8R Dielectric, 50 - 200 VDC (Commercial & Automotive Grade)
C410C105M3U5TA7200 KEMET-C410C105M3U5TA7200 Datasheet
2Mb / 14P
   Aximax, 400, Conformally Coated, Z5U Dielectric, 25 and 250 VDC (Commercial Grade)
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301_V01 Datasheet
2Mb / 19P
   Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 25 – 250 VDC (Commercial Grade)
9/29/2020
C430C225K3N5TA9170 KEMET-C430C225K3N5TA9170 Datasheet
59Kb / 1P
   AxiMax 400 Auto X8L HT150C, Ceramic, 2.2 uF, 10%, 25 V, X8L, AxiMax, Automotive Grade
C410C104K5N5TA9170 KEMET-C410C104K5N5TA9170 Datasheet
59Kb / 1P
   AxiMax 400 Auto X8L HT150C, Ceramic, 0.1 uF, 10%, 50 V, X8L, AxiMax, Automotive Grade
C410C154K5N5TA9170 KEMET-C410C154K5N5TA9170 Datasheet
59Kb / 1P
   AxiMax 400 Auto X8L HT150C, Ceramic, 0.15 uF, 10%, 50 V, X8L, AxiMax, Automotive Grade
C430C474K5N5TA9170 KEMET-C430C474K5N5TA9170 Datasheet
59Kb / 1P
   AxiMax 400 Auto X8L HT150C, Ceramic, 0.47 uF, 10%, 50 V, X8L, AxiMax, Automotive Grade
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com