Electronic Components Datasheet Search |
|
C410C472F1H5TA7293 Datasheet(PDF) 9 Page - Kemet Corporation |
|
C410C472F1H5TA7293 Datasheet(HTML) 9 Page - Kemet Corporation |
9 / 10 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1071_AXIMAX_X8R • 10/17/2016 9 Axial Through-Hole Multilayer Ceramic Capacitors Aximax, 400 Series, Axial, Conformally Coated, Ultra-Stable X8R Dielectric, 50 – 200 VDC (Commercial & Automotive Grade) Symbol Reference Table A Component Pitch B Inside Tape Spacing Tape & Reel Packaging Information KEMET offers standard reeling of molded and conformally coated axial leaded ceramic capacitors for automatic insertion or lead forming machines in accordance with EIA standard 296. KEMET’s internal specification four-digit suffix, 7200, is placed at the end of the part number to designate tape and reel packaging, e.g., C410C104Z5U5CA7200. Paper (50 lb.) test minimum is inserted between the layers of capacitors wound on reels for component pitch ≤ 0.400". Capacitor lead length may extend only a maximum of .0625" (1.59 mm) beyond the tapes’ edges. Capacitors are centered in a row between the two tapes and will deviate only ± 0.031" (0.79 mm) from the row center. A minimum of 36" (91.5 cm) leader tape is provided at each finished length of taped components. Universal splicing clips are used to connect the tape. Table 3 – Ceramic Axial Tape and Reel Dimensions Metric will govern Dimensions — Millimeters (Inches) Axial Capacitor Body Diameter A ±0.5 (0.020) B ±1.5 (0.059)* 0.0 to 5.0 (0.0 to 0.197) 5.0 (0.197) 52.4 (2.062) * Inside tape spacing dimension (B) is determined by the body diameter of the capacitor. |
Similar Part No. - C410C472F1H5TA7293 |
|
Similar Description - C410C472F1H5TA7293 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |