Electronic Components Datasheet Search |
|
SZESD8704MUTAG Datasheet(PDF) 7 Page - ON Semiconductor |
|
SZESD8704MUTAG Datasheet(HTML) 7 Page - ON Semiconductor |
7 / 9 page ESD8704 www.onsemi.com 7 Figure 14. USB 3.0/3.1 Standard Layout Diagram Vbus StdA_SSTX+ D− StdA_SSTX− D+ GND_DRAIN GND StdA_SSRX+ StdA_SSRX− USB 3.0/3.1 Type A Connector ESD8704 ESD7L5.0 PCB Layout Guidelines Steps must be taken for proper placement and signal trace routing of the ESD protection device in order to ensure the maximum ESD survivability and signal integrity for the application. Such steps are listed below. • Place the ESD protection device as close as possible to the I/O connector to reduce the ESD path to ground and improve the protection performance. ♦ In USB 3.0 applications, the ESD protection device should be placed between the AC coupling capacitors and the I/O connector on the TX differential lanes as shown in Figure 15. In this configuration, no DC current can flow through the ESD protection device preventing any potential latch-up condition. For more information on latchup considerations, see below description on Page 8. • Make sure to use differential design methodology and impedance matching of all high speed signal traces. ♦ Use curved traces when possible to avoid unwanted reflections. ♦ Keep the trace lengths equal between the positive and negative lines of the differential data lanes to avoid common mode noise generation and impedance mismatch. ♦ Place grounds between high speed pairs and keep as much distance between pairs as possible to reduce crosstalk. Figure 15. USB 3.0/3.1 Connection Diagram |
Similar Part No. - SZESD8704MUTAG |
|
Similar Description - SZESD8704MUTAG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |