Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMD18PL Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # SMD18PL
Description  1 Amp Schottky Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SMD18PL Datasheet(HTML) 2 Page - Nanjing International Group Co

  SMD18PL Datasheet HTML 1Page - Nanjing International Group Co SMD18PL Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD1
5PL thru SMD1200PL
Figure 1
Typical Forward Characteristics
20
10
6
SMD15PL-16PL
4
2
SMD18PL-1200PL
Amps
1
.6
.4
.2
25
°C
.1
.06
.04
.02
.01
.4
.6
.8
1.0
1.2
1.4
Volts
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
1.2
Figure 2
Forward Derating Curve
Figure 3
Peak Forward Surge Current
60
50
1.0
40
.8
30
.6
Amps
.4
20
10
0
1
2
4
6
8 10
20
40
60
80 100
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Cycles
0
0
50
75
100
125
°C
150
175
Number Of Cycles At 60Hz - Cycles
Average Forward Rectified Current
-
Amperesversus
Lead Temperature
-
°C


Similar Part No. - SMD18PL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMD18PL MCC-SMD18PL Datasheet
201Kb / 3P
   1 Amp Schottky Rectifier 50 to 200 Volts
SMD18PL MCC-SMD18PL Datasheet
215Kb / 3P
   1 Amp Schottky Rectifier 50 to 200 Volts Low Forward Voltage
SMD18PL MCC-SMD18PL Datasheet
229Kb / 3P
   1 Amp Schottky Rectifier 50 to 80 Volts
logo
Nanjing International G...
SMD18PL DGNJDZ-SMD18PL Datasheet
124Kb / 2P
   1 Amp Schottky Rectifier
SMD18PL DGNJDZ-SMD18PL Datasheet
124Kb / 2P
   1 Amp Schottky Rectifier
More results

Similar Description - SMD18PL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HSM150 MICROSEMI-HSM150 Datasheet
76Kb / 2P
   1 Amp Schottky Rectifier
logo
Nanjing International G...
SMD15PL.1A-SOD-123FL DGNJDZ-SMD15PL.1A-SOD-123FL Datasheet
124Kb / 2P
   1 Amp Schottky Rectifier
SMD18PL.1A-SOD-123FL DGNJDZ-SMD18PL.1A-SOD-123FL Datasheet
124Kb / 2P
   1 Amp Schottky Rectifier
logo
Digitron Semiconductors
1N5817 DIGITRON-1N5817 Datasheet
107Kb / 3P
   1 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
10BQ100PBF IRF-10BQ100PBF Datasheet
123Kb / 7P
   SCHOTTKY RECTIFIER 1 Amp
logo
Microsemi Corporation
HSM150G MICROSEMI-HSM150G Datasheet
90Kb / 2P
   1 Amp Schottky Rectifier
HSM180J MICROSEMI-HSM180J Datasheet
94Kb / 2P
   1 Amp Schottky Rectifier
MSG104 MICROSEMI-MSG104 Datasheet
87Kb / 2P
   1 Amp Schottky Rectifier
MSP140 MICROSEMI-MSP140 Datasheet
88Kb / 2P
   1 Amp Schottky Rectifier
5817SM MICROSEMI-5817SM Datasheet
116Kb / 3P
   1 Amp Schottky Rectifier
LSM140J MICROSEMI-LSM140J Datasheet
94Kb / 2P
   1 Amp Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com