Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P277EE103K300A Datasheet(PDF) 5 Page - Kemet Corporation

Part # P277EE103K300A
Description  PME271E Series Metallized Impregnated Paper, Class X1, 300 VAC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

P277EE103K300A Datasheet(HTML) 5 Page - Kemet Corporation

  P277EE103K300A Datasheet HTML 1Page - Kemet Corporation P277EE103K300A Datasheet HTML 2Page - Kemet Corporation P277EE103K300A Datasheet HTML 3Page - Kemet Corporation P277EE103K300A Datasheet HTML 4Page - Kemet Corporation P277EE103K300A Datasheet HTML 5Page - Kemet Corporation P277EE103K300A Datasheet HTML 6Page - Kemet Corporation P277EE103K300A Datasheet HTML 7Page - Kemet Corporation P277EE103K300A Datasheet HTML 8Page - Kemet Corporation P277EE103K300A Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3014_PME271E_X1_300 • 5/19/2016
5
Film Capacitors
AC Line EMI Suppression and RC Networks – PME271E Series Metallized Impregnated Paper, Class X1, 300 VAC
Approvals
Mark
Specification
File Number
EN/IEC 60384–14
SE/0140–15D
UL 60384-14
CAN/CSA-E60384-14-09
E73869
Environmental Compliance
All KEMET EMI capacitors are RoHS Compliant.
Table 1 – Ratings & Part Number Reference
Capacitance
Value (µF)
Maximum Dimensions in mm
Lead
Spacing (p)
f
o
(MHz)
dV/dt
(V/µs)
New KEMET Part
Number
Legacy Part
Number
B
H
L
0.010
5.2
10.5
18.5
15.2
16
1200
P277QE103M300(1)
PME271E510M(1)
0.015
5.2
10.5
18.5
15.2
13
1200
P277QE153M300(1)
PME271E515M(1)
0.022
7.3
13
18.5
15.2
9.8
1200
P277QN223M300(1)
PME271E522M(1)
0.033
7.3
13
18.5
15.2
7
1200
P277QN333M300(1)
PME271E533M(1)
0.047
8.5
14.3
18.5
15.2
6.4
1200
P277QS473M300(1)
PME271E547M(1)
0.068
7.6
14
24
20.3
5.2
600
P277CE683M300(1)
PME271E568M(1)
0.1
11.3
16.5
24
20.3
4.1
600
P277CP104M300(1)
PME271E610M(1)
0.068
8
17
27
22.5
4.7
600
P277SJ683M300(1)
PME271ED5680M(1)
0.1
8
17
27
22.5
4.1
600
P277SJ104M300(1)
PME271ED6100M(1)
0.15
10
19
27
22.5
3.2
600
P277SP154K300(1)
PME271ED6150K(1)
0.22
12
22
27
22.5
2.5
600
P277SU224K300(1)
PME271ED6220K(1)
0.15
10.6
16.1
30.5
25.4
3.3
400
P277EE154K300(1)
PME271E615K(1)
0.22
12.1
19
30.5
25.4
2.6
400
P277EJ224K300(1)
PME271E622K(1)
Capacitance
Value (µF)
B (mm)
H (mm)
L (mm)
Lead Spacing
(p)
f
o (MHz)
dV/dt
(V/µs)
New KEMET
Part Number
Legacy Part Number
(1) Insert lead and packaging code. See Ordering Options Table for available options.


Similar Part No. - P277EE103K300A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2779A ALSC-P2779A Datasheet
197Kb / 8P
   Low-Cost Notebook EMI Reduction IC
logo
PulseCore Semiconductor
P2779A PULSECORE-P2779A Datasheet
360Kb / 8P
   Low-Cost Notebook EMI Reduction IC
logo
ON Semiconductor
P2779A ONSEMI-P2779A Datasheet
127Kb / 7P
   Low-Cost Notebook EMI Reduction IC
August, 2011 ??Rev. P2
logo
Alliance Semiconductor ...
P2779A-08SR ALSC-P2779A-08SR Datasheet
197Kb / 8P
   Low-Cost Notebook EMI Reduction IC
P2779A-08SRF ALSC-P2779A-08SRF Datasheet
197Kb / 8P
   Low-Cost Notebook EMI Reduction IC
More results

Similar Description - P277EE103K300A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
P278HE102M480A KEMET-P278HE102M480A Datasheet
2Mb / 12P
   P278 Series Metallized Impregnated Paper, Class X1, 480 VAC
PME271YA4100MR30 KEMET-PME271YA4100MR30_17 Datasheet
1Mb / 14P
   PME271Y A?밇 Series Metallized Impregnated Paper, Class Y2, 300 VAC
P276QE104M275A KEMET-P276QE104M275A Datasheet
2Mb / 14P
   PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
PME271Y410MR30 KEMET-PME271Y410MR30 Datasheet
1Mb / 13P
   PME271Y Series Metallized Impregnated Paper, Class Y2, 250 VAC
P295BE471M500A KEMET-P295BE471M500A Datasheet
516Kb / 10P
   P295 Series Metallized Impregnated Paper, Class Y1, 500 VAC
PMR209MB5470M047R30 KEMET-PMR209MB5470M047R30 Datasheet
2Mb / 13P
   PMR209 Series Metallized Impregnated Paper, Class X2, 250 VAC
P405QE104M125AH330 KEMET-P405QE104M125AH330 Datasheet
2Mb / 12P
   Metallized Impregnated Paper, 125 VAC/250 VDC
PME271E510M KEMET-PME271E510M Datasheet
163Kb / 2P
   EMI suppressor, class X1, metallized paper
logo
List of Unclassifed Man...
PME278 ETC-PME278 Datasheet
47Kb / 2P
   EMI suppressor, class X1, metallized paper
logo
Kemet Corporation
SMP253 KEMET-SMP253 Datasheet
1Mb / 8P
   Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 250 VAC Surface Mount Device
11/2/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com