Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P277SE103K300A Datasheet(PDF) 2 Page - Kemet Corporation

Part # P277SE103K300A
Description  PME271E Series Metallized Impregnated Paper, Class X1, 300 VAC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

P277SE103K300A Datasheet(HTML) 2 Page - Kemet Corporation

  P277SE103K300A Datasheet HTML 1Page - Kemet Corporation P277SE103K300A Datasheet HTML 2Page - Kemet Corporation P277SE103K300A Datasheet HTML 3Page - Kemet Corporation P277SE103K300A Datasheet HTML 4Page - Kemet Corporation P277SE103K300A Datasheet HTML 5Page - Kemet Corporation P277SE103K300A Datasheet HTML 6Page - Kemet Corporation P277SE103K300A Datasheet HTML 7Page - Kemet Corporation P277SE103K300A Datasheet HTML 8Page - Kemet Corporation P277SE103K300A Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3014_PME271E_X1_300 • 5/19/2016
2
Film Capacitors
AC Line EMI Suppression and RC Networks – PME271E Series Metallized Impregnated Paper, Class X1, 300 VAC
Benefits cont'd
• Excellent self-healing properties which ensure long life even
when subjected to frequent over-voltages
• Good resistance to ionization due to impregnated paper
dielectric
• High dV/dt capability
• Impregnated paper ensures excellent stability and reliability
properties, particularly in applications with continuous operation
Ordering Options Table
Lead
Spacing
Nominal
(mm)
Type of Leads and Packaging
Lead Length
(mm)
KEMET
Lead and
Packaging
Code
Legacy
Lead and
Packaging
Code
15.2
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
6+0/−1
C
R06
Bulk (Bag) – Max Length Leads
30+5/−0
A
R30
Tape & Reel (Standard Reel)
H
0=18.5+/−0.5
L
R19T0
Other Lead and Packaging Options
Tape & Reel (Large Reel)
H
0=18.5+/−0.5
P
R19T1
20.3
Standard Lead and Packaging Options
Bulk (Tray) – Short Leads
6+0/−1
C
R06
Bulk (Bag) – Max Length Leads
30+5/−0
A
R30
Tape & Reel (Standard Reel)
H
0=18.5+/−0.5
L
R19T0
Other Lead and Packaging Options
Tape & Reel (Large Reel)
H
0=18.5+/−0.5
P
R19T1
22.5
Standard Lead and Packaging Options
Bulk (Tray) – Short Leads
6+0/−1
C
R06
Bulk (Bag) – Max Length Leads
30+5/−0
A
R30
Tape & Reel (Standard Reel)
H
0=18.5+/−0.5
L
R19T0
Other Lead and Packaging Options
Tape & Reel (Large Reel)
H
0=18.5+/−0.5
P
R19T1
25.4
Standard Lead and Packaging Options
Bulk (Tray) – Short Leads
6+0/−1
C
R06
Bulk (Bag) – Max Length Leads
30+5/−0
A
R30


Similar Part No. - P277SE103K300A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2779A ALSC-P2779A Datasheet
197Kb / 8P
   Low-Cost Notebook EMI Reduction IC
logo
PulseCore Semiconductor
P2779A PULSECORE-P2779A Datasheet
360Kb / 8P
   Low-Cost Notebook EMI Reduction IC
logo
ON Semiconductor
P2779A ONSEMI-P2779A Datasheet
127Kb / 7P
   Low-Cost Notebook EMI Reduction IC
August, 2011 ??Rev. P2
logo
Alliance Semiconductor ...
P2779A-08SR ALSC-P2779A-08SR Datasheet
197Kb / 8P
   Low-Cost Notebook EMI Reduction IC
P2779A-08SRF ALSC-P2779A-08SRF Datasheet
197Kb / 8P
   Low-Cost Notebook EMI Reduction IC
More results

Similar Description - P277SE103K300A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
P278HE102M480A KEMET-P278HE102M480A Datasheet
2Mb / 12P
   P278 Series Metallized Impregnated Paper, Class X1, 480 VAC
PME271YA4100MR30 KEMET-PME271YA4100MR30_17 Datasheet
1Mb / 14P
   PME271Y A?밇 Series Metallized Impregnated Paper, Class Y2, 300 VAC
P276QE104M275A KEMET-P276QE104M275A Datasheet
2Mb / 14P
   PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
PME271Y410MR30 KEMET-PME271Y410MR30 Datasheet
1Mb / 13P
   PME271Y Series Metallized Impregnated Paper, Class Y2, 250 VAC
P295BE471M500A KEMET-P295BE471M500A Datasheet
516Kb / 10P
   P295 Series Metallized Impregnated Paper, Class Y1, 500 VAC
PMR209MB5470M047R30 KEMET-PMR209MB5470M047R30 Datasheet
2Mb / 13P
   PMR209 Series Metallized Impregnated Paper, Class X2, 250 VAC
P405QE104M125AH330 KEMET-P405QE104M125AH330 Datasheet
2Mb / 12P
   Metallized Impregnated Paper, 125 VAC/250 VDC
PME271E510M KEMET-PME271E510M Datasheet
163Kb / 2P
   EMI suppressor, class X1, metallized paper
logo
List of Unclassifed Man...
PME278 ETC-PME278 Datasheet
47Kb / 2P
   EMI suppressor, class X1, metallized paper
logo
Kemet Corporation
SMP253 KEMET-SMP253 Datasheet
1Mb / 8P
   Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 250 VAC Surface Mount Device
11/2/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com