Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VL53L0X Datasheet(PDF) 8 Page - STMicroelectronics

Part # VL53L0X
Description  World smallest Time-of-Flight ranging and gesture detection sensor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L0X Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VL53L0X Datasheet HTML 4Page - STMicroelectronics VL53L0X Datasheet HTML 5Page - STMicroelectronics VL53L0X Datasheet HTML 6Page - STMicroelectronics VL53L0X Datasheet HTML 7Page - STMicroelectronics VL53L0X Datasheet HTML 8Page - STMicroelectronics VL53L0X Datasheet HTML 9Page - STMicroelectronics VL53L0X Datasheet HTML 10Page - STMicroelectronics VL53L0X Datasheet HTML 11Page - STMicroelectronics VL53L0X Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Overview
VL53L0X
8/40
DocID029104 Rev 1
1.4
Application schematic
Figure 3 shows the application schematic of the VL53L0X.
Figure 3. VL53L0X schematic
Note:
Capacitors on external supply AVDD should be placed as close as possible to the
AVDDVCSEL and AVSSVCSEL module pins.
Note:
External pull-up resistors values can be found in I2C-bus specification. Pull-up are typically
fitted only once per bus, near the host.
Recommended values for pull-up resistors for an AVDD of 2.8V and 400KHz I2C clock
would be 1.5k to 2k Ohms.
Note:
XSHUT pin must always be driven to avoid leakage current. Pull-up is needed if the host
state is not known.
XSHUT is needed to use HW standby mode (no I2C comm).
Note:
XSHUT and GPIO1 pull up recommended values are 10k Ohms
Note:
GPIO1 to be left unconnected if not used


Similar Part No. - VL53L0X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VL53L1 STMICROELECTRONICS-VL53L1 Datasheet
1Mb / 35P
   A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSense??technology
November 2018 Rev 3
VL53L1 STMICROELECTRONICS-VL53L1 Datasheet
1Mb / 39P
   New generation Time-of-Flight ranging sensor with advanced multi-zone and multi-object detection
June 2022 Rev 12
VL53L1CXV0FY/1 STMICROELECTRONICS-VL53L1CXV0FY/1 Datasheet
1Mb / 35P
   A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSense??technology
November 2018 Rev 3
VL53L1X STMICROELECTRONICS-VL53L1X Datasheet
1Mb / 35P
   A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSense??technology
November 2018 Rev 3
VL53L1X STMICROELECTRONICS-VL53L1X Datasheet
1Mb / 35P
   A new generation, long distance ranging Time-of-Flight sensor based on ST’s FlightSense technology
June 2022
More results

Similar Description - VL53L0X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VL53L3CX STMICROELECTRONICS-VL53L3CX Datasheet
1Mb / 35P
   Time-of-Flight ranging sensor with multi target detection
Rev 2 - February 2020
logo
List of Unclassifed Man...
TOF400F ETC-TOF400F Datasheet
4Mb / 13P
   Time-of-Flight ranging Sensor-4M
logo
STMicroelectronics
VL53L5CP STMICROELECTRONICS-VL53L5CP Datasheet
107Kb / 4P
   Time-of-Flight ranging sensor for advanced human presence detection
June 2022 Rev 1
VL53L1 STMICROELECTRONICS-VL53L1 Datasheet
1Mb / 39P
   New generation Time-of-Flight ranging sensor with advanced multi-zone and multi-object detection
June 2022 Rev 12
VL53L7CX STMICROELECTRONICS-VL53L7CX Datasheet
3Mb / 40P
   Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
September 2022 Rev 3
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
STMicroelectronics
VL53L5CX STMICROELECTRONICS-VL53L5CX Datasheet
3Mb / 38P
   Time-of-Flight 8x8 multizone ranging sensor with wide field of view
July 2022 Rev 8
VL53L3CX-SATEL STMICROELECTRONICS-VL53L3CX-SATEL Datasheet
2Mb / 6P
   VL53L3CX breakout board Time-of-Flight ranging sensor with multi target
Rev 1 - April 2020
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com