Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBR06C220JAGAC Datasheet(PDF) 1 Page - Kemet Corporation

Part # CBR06C220JAGAC
Description  Ceramic, High Q, Microwave (CBR), 22 pF, 5%, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CBR06C220JAGAC Datasheet(HTML) 1 Page - Kemet Corporation

  CBR06C220JAGAC Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 65701d50-d974-4bb4-8659-d1ba142cbdf6
KEMET Part Number: CBR06C220JAGAC
(CBR06C220JAGACTU)
Ceramic, High Q, Microwave (CBR), 22 pF, 5%, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
Dimensions
L
1.6mm +/-0.1mm
W
0.8mm +/-0.1mm
T
0.8mm +/-0.07mm
B
0.4mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: Microwave (CBR)
Chip Size: 0603
Description: SMD, Fixed, RF, Ultra High Q,
Low ESR, Class I
Features: Ultra High Q, Low ESR, Class I
RoHS: Yes
Termination: Tin
Marking: No
Miscellaneous: Minimum Q = 1240
Notes: Solder Wave or Solder Reflow
Specifications
Capacitance: 22 pF
Capacitance Tolerance: 5%
Voltage DC: 250 VDC
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.119%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 10 GOhms
Dielectric Strength: 500 V
Quality Factor: 1240
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - CBR06C220JAGAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CBR06C220F5GAC KEMET-CBR06C220F5GAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 22 pF, 1%, 50 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C220FAGAC KEMET-CBR06C220FAGAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 22 pF, 1%, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
More results

Similar Description - CBR06C220JAGAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CBR06C220FAGAC KEMET-CBR06C220FAGAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 22 pF, 1%, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C100JAGAC KEMET-CBR06C100JAGAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 10 pF, 5%, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C270JAGAC KEMET-CBR06C270JAGAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 27 pF, 5%, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C390JAGAC KEMET-CBR06C390JAGAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 39 pF, 5%, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C470JAGAC KEMET-CBR06C470JAGAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 47 pF, 5%, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C240JAGAC KEMET-CBR06C240JAGAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 24 pF, 5%, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR05C220JAGAC KEMET-CBR05C220JAGAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 22 pF, 5%, 250 V, 0505, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C509BAGAC KEMET-CBR06C509BAGAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 5 pF, /-0.1 pF, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C408BAGAC KEMET-CBR06C408BAGAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 0.4 pF, /-0.1 pF, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C229CAGAC KEMET-CBR06C229CAGAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 2.2 pF, /-0.25 pF, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com