Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C430C472K2H5TA7200 Datasheet(PDF) 9 Page - Kemet Corporation

Part # C430C472K2H5TA7200
Description  Aximax, 400 Series, Axial, Conformally Coated, Ultra-Stable X8R Dielectric, 50 - 200 VDC (Commercial & Automotive Grade)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C430C472K2H5TA7200 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button C430C472K2H5TA7200 Datasheet HTML 2Page - Kemet Corporation C430C472K2H5TA7200 Datasheet HTML 3Page - Kemet Corporation C430C472K2H5TA7200 Datasheet HTML 4Page - Kemet Corporation C430C472K2H5TA7200 Datasheet HTML 5Page - Kemet Corporation C430C472K2H5TA7200 Datasheet HTML 6Page - Kemet Corporation C430C472K2H5TA7200 Datasheet HTML 7Page - Kemet Corporation C430C472K2H5TA7200 Datasheet HTML 8Page - Kemet Corporation C430C472K2H5TA7200 Datasheet HTML 9Page - Kemet Corporation C430C472K2H5TA7200 Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1071_AXIMAX_X8R • 10/17/2016
9
Axial Through-Hole Multilayer Ceramic Capacitors
Aximax, 400 Series, Axial, Conformally Coated, Ultra-Stable X8R Dielectric, 50 – 200 VDC (Commercial & Automotive Grade)
Symbol Reference Table
A
Component Pitch
B
Inside Tape Spacing
Tape & Reel Packaging Information
KEMET offers standard reeling of molded and conformally
coated axial leaded ceramic capacitors for automatic insertion
or lead forming machines in accordance with EIA standard
296. KEMET’s internal specification four-digit suffix, 7200, is
placed at the end of the part number to designate tape and reel
packaging, e.g., C410C104Z5U5CA7200.
Paper (50 lb.) test minimum is inserted between the layers
of capacitors wound on reels for component pitch ≤ 0.400".
Capacitor lead length may extend only a maximum of .0625"
(1.59 mm) beyond the tapes’ edges. Capacitors are centered in
a row between the two tapes and will deviate only ± 0.031" (0.79
mm) from the row center. A minimum of 36" (91.5 cm) leader
tape is provided at each finished length of taped components.
Universal splicing clips are used to connect the tape.
Table 3 – Ceramic Axial Tape and Reel Dimensions
Metric will govern
Dimensions — Millimeters (Inches)
Axial Capacitor
Body Diameter
A
±0.5 (0.020)
B
±1.5 (0.059)*
0.0 to 5.0
(0.0 to 0.197)
5.0 (0.197)
52.4 (2.062)
* Inside tape spacing dimension (B) is determined by the body diameter of the capacitor.


Similar Part No. - C430C472K2H5TA7200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C430C472K2G5HA7200 KEMET-C430C472K2G5HA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C430C472K2G5HA7200 KEMET-C430C472K2G5HA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
C430C472K2G5HA7293 KEMET-C430C472K2G5HA7293 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
C430C472K2G5TA7200 KEMET-C430C472K2G5TA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C430C472K2G5TA7200 KEMET-C430C472K2G5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
More results

Similar Description - C430C472K2H5TA7200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C105K3N5TA7200 KEMET-C410C105K3N5TA7200 Datasheet
2Mb / 9P
   Aximax, 400 Series, Axial, Conformally Coated, X8L Dielectric, 25 - 50 VDC (Commercial & Automotive Grade)
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200_17 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
C410C105K3R5TA7200 KEMET-C410C105K3R5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C410C105M3U5TA7200 KEMET-C410C105M3U5TA7200 Datasheet
2Mb / 14P
   Aximax, 400, Conformally Coated, Z5U Dielectric, 25 and 250 VDC (Commercial Grade)
C410C331J1H5TA9170 KEMET-C410C331J1H5TA9170 Datasheet
60Kb / 1P
   Ceramic, Aximax(UltraStable), 330 pF, 5%, 100 V, X8R, 150C, Axial, Conformally Coated, Automotive Grade
C410C102K5H5TA9170 KEMET-C410C102K5H5TA9170 Datasheet
59Kb / 1P
   AxiMax 400 Auto X8R HT150C, Ceramic, 1000 pF, 10%, 50 V, X8R, AxiMax, Automotive Grade
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301_V01 Datasheet
2Mb / 19P
   Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 25 – 250 VDC (Commercial Grade)
9/29/2020
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C410C103K1H5TA9170 KEMET-C410C103K1H5TA9170 Datasheet
60Kb / 1P
   AxiMax 400 Auto X8R HT150C, Ceramic, 0.01 uF, 10%, 100 V, X8R, AxiMax, Automotive Grade
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com