Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSV6390ICT Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSV6390ICT
Description  Micropower (60 關A), wide bandwidth (2.4 MHz) CMOS operational amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6390ICT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSV6390ICT Datasheet HTML 7Page - STMicroelectronics TSV6390ICT Datasheet HTML 8Page - STMicroelectronics TSV6390ICT Datasheet HTML 9Page - STMicroelectronics TSV6390ICT Datasheet HTML 10Page - STMicroelectronics TSV6390ICT Datasheet HTML 11Page - STMicroelectronics TSV6390ICT Datasheet HTML 12Page - STMicroelectronics TSV6390ICT Datasheet HTML 13Page - STMicroelectronics TSV6390ICT Datasheet HTML 14Page - STMicroelectronics TSV6390ICT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TSV6390, TSV6390A, TSV6391, TSV6391A
Application information
DocID17118 Rev 2
11/22
4
Application information
4.1
Operating voltages
The TSV6390 and TSV6391 can operate from 1.5 to 5.5 V. Their parameters are fully
specified for 1.8, 3.3 and 5 V power supplies. However, the parameters are very stable in
the full VCC range and several characterization curves show the TSV639x characteristics at
1.5 V. Additionally, the main specifications are guaranteed in extended temperature ranges
from -40 °C to 125 °C.
4.2
Rail-to-rail input
The TSV6390 and TSV6391 are built with two complementary PMOS and NMOS input
differential pairs. The devices have a rail-to-rail input, and the input common mode range is
extended from (VCC-) - 0.1 V to (VCC+) + 0.1 V. The transition between the two pairs appears
at (VCC+) - 0.7 V. In the transition region, the performance of CMRR, PSRR, Vio, and THD is
slightly degraded (as shown in Figure 13 and Figure 14 for Vio vs. Vicm).
Figure 13: Input offset voltage vs input common-mode
at VCC = 1.5 V
Figure 14: Input offset voltage vs input common-mode
at VCC = 5 V
The devices are guaranteed without phase reversal.
4.3
Rail-to-rail output
The operational amplifiers’ output levels can go close to the rails: 35 mV maximum above
and below the rail when connected to a 10
kΩ resistive load to V
CC/2.


Similar Part No. - TSV6390ICT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV6392 STMICROELECTRONICS-TSV6392 Datasheet
942Kb / 25P
   MIcropower (60 關A), wide bandwidth (2.4 MHz) CMOS op-amps
TSV6392-3-4-5 STMICROELECTRONICS-TSV6392-3-4-5 Datasheet
917Kb / 25P
   Micropower, wide bandwidth CMOS operational amplifiers
TSV6392A STMICROELECTRONICS-TSV6392A Datasheet
942Kb / 25P
   MIcropower (60 關A), wide bandwidth (2.4 MHz) CMOS op-amps
TSV6392AID/DT STMICROELECTRONICS-TSV6392AID/DT Datasheet
942Kb / 25P
   MIcropower (60 關A), wide bandwidth (2.4 MHz) CMOS op-amps
TSV6392AIST STMICROELECTRONICS-TSV6392AIST Datasheet
942Kb / 25P
   MIcropower (60 關A), wide bandwidth (2.4 MHz) CMOS op-amps
More results

Similar Description - TSV6390ICT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV639X STMICROELECTRONICS-TSV639X Datasheet
942Kb / 25P
   MIcropower (60 關A), wide bandwidth (2.4 MHz) CMOS op-amps
TSV629X STMICROELECTRONICS-TSV629X Datasheet
917Kb / 25P
   Micropower, wide bandwidth CMOS operational amplifiers
logo
Analog Devices
AD8502 AD-AD8502_07 Datasheet
697Kb / 16P
   1 關A Micropower CMOS Operational Amplifiers
REV. 0
logo
STMicroelectronics
TSX561ILT STMICROELECTRONICS-TSX561ILT Datasheet
1Mb / 27P
   Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
TSX56X STMICROELECTRONICS-TSX56X Datasheet
1Mb / 28P
   Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
February 2017 Rev 5
TSX561 STMICROELECTRONICS-TSX561 Datasheet
1,018Kb / 28P
   Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
August 2013 Rev 4
TSV731 STMICROELECTRONICS-TSV731 Datasheet
1Mb / 29P
   High accuracy (200 關V) micropower 60 關A, 900 kHz 5 V CMOS operational amplifiers
March 2013 Rev 2
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
PROMAX-JOHNTON CORP
PJ4558 PROMAX-JOHNTON-PJ4558 Datasheet
430Kb / 5P
   Dual Wide Bandwidth Operational Amplifiers
2003/04.ver.B
logo
ON Semiconductor
MC4558V ONSEMI-MC4558V Datasheet
75Kb / 8P
   Dual Wide Bandwidth Operational Amplifiers
December, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com