Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP665JF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TLP665JF
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Triac
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TLP665JF Datasheet(HTML) 1 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TLP665JF
2002-09-25
1
TOSHIBA Photocoupler GaAs Ired & Photo
−Triac
TLP665JF
Office Machine
Household Use Equipment
Triac Driver
Solid State Relay
The TOSHIBA TLP665JF consists of a photo−triac optically coupled to a
gallium arsenide infrared emitting diode in a six lead plastic DIP.
All parameters are tested to the specification of TLP665J.
(both condition and limits)
· Peak off−state voltage: 600 V (min.)
· Trigger LED current: 10 mA (max.)
· On−state current: 100 mA (max.)
· UL recognized: UL1577, file no. E67349
· Isolation voltage: 5000 Vrms (min.)
· Option (D4) type
VDE approved: DIN VDE0884 / 08.87,
Certificate no. 68383
Maximum operating insulation voltage: 630VPK
Highest permissible over voltage: 6000VPK
(Note 1) When a VDE0884 approved type is needed,
please designate the “ Option (D4) ”
· Structural parameter
Creepage distance: 8.0mm (min.)
Clearance: 8.0mm (min.)
Insulation thickness: 0.5mm (min.)
· Conforming safety standards:
DIN 57 804 / VDE0804 / 1.83
DIN IEC65 / VDE0860 / 8.81
DIN IEC380 / VDE0806 / 8.81
DIN IEC435 / VDE0805 / Draft Nov. 84
DIN IEC601T1 / VDE0750T1 / 5.82
BS7002: 1989 (EN60950)
Pin Configurations (top view)
1
2
3
4
6
1: Anode
2: Cathode
3: NC
4: Terminal 1
6: Terminal 2
Unit in mm
TOSHIBA
11−9A202
Weight: 0.44 g


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn