Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M52742SP Datasheet(PDF) 14 Page - Mitsubishi Electric Semiconductor

Part # M52742SP
Description  BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52742SP Datasheet(HTML) 14 Page - Mitsubishi Electric Semiconductor

Back Button M52742SP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M52742SP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M52742SP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M52742SP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M52742SP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M52742SP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M52742SP Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M52742SP Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M52742SP Datasheet HTML 18Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
MITSUBISHI ICs (Monitor)
M52742SP
BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
14
PRELIMINARY
Notice:This is not a final specification.
Some parametric limits are subject to change.
TEST CIRCUIT
SW1
b
a
SG1
SW4
b
a
SW7
b
a
SW9
b
a
b
a
SW16
OUT (35)
470
OUT (32)
D/A
OUT1
D/A
OUT2
D/A
OUT3
13
24
5
9
810
12
11
13
14
6
7
15
16
17
18
Units Resistance :
Capacitance : F
R
G
SonG
B
12V
UNI
34
32
33
31
30
26
27
25
23
24
22
29
28
V15
35
36
470
SW13
M52742SP
20
21
19
V30
SG4
b
a
b
a
SG5
SW19
blk
osd
12V
osd
12V
gnd
gnd
gnd
abl
osd
sync
5V
out
f/b
brt
dac
dac
sda
12V
gnd
f/b
f/b
out
out
blk
dac
gnd
dac
c/p
scl
SCL
SDA
C/P IN
D/A
OUT4
b
a
SG7
SW27
OUT (29)
0 to 5V
470
100
100
µH
0 to 5V
SG6
47
µ
1k
SYNC
OUT
A
5V
IB
0.01
µ
3.3
µ
SW11
b
a
IN (11)
100k
SONG
IN
1
µ
0.01
µ
3.3
µ
SW6
b
a
IN (6)
3.3
µ
SW2
a
IN (2)
b
0.01
µ
SG2
SG3
12V
A
IA
47
µ
SG6
: MEASURE POINT
∗ Condenser : 0.01µF (unless otherwise specified.)


Similar Part No. - M52742SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52742ASP MITSUBISHI-M52742ASP Datasheet
401Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
logo
Renesas Technology Corp
M52742ASP RENESAS-M52742ASP Datasheet
377Kb / 27P
   BUS Controlled 3-Channel Video Preamp for CRT Display Monitor
More results

Similar Description - M52742SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52742ASP MITSUBISHI-M52742ASP Datasheet
401Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
logo
Renesas Technology Corp
M52742ASP RENESAS-M52742ASP Datasheet
377Kb / 27P
   BUS Controlled 3-Channel Video Preamp for CRT Display Monitor
logo
Mitsubishi Electric Sem...
M52745SP MITSUBISHI-M52745SP Datasheet
386Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M61301SP MITSUBISHI-M61301SP Datasheet
293Kb / 25P
   BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52746SP MITSUBISHI-M52746SP Datasheet
281Kb / 25P
   BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52749FP MITSUBISHI-M52749FP Datasheet
185Kb / 25P
   BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
logo
Renesas Technology Corp
M52749FP RENESAS-M52749FP Datasheet
328Kb / 27P
   BUS Controlled 3ch Video Pre-amp for CRT Display Monitor
M61303FP RENESAS-M61303FP Datasheet
232Kb / 25P
   I2C BUS Controlled 3channel Video Pre-amplifier for LCD Display Monitor
M52759SP RENESAS-M52759SP Datasheet
321Kb / 27P
   Uniformity for CRT Display Monitor
Mar 31, 2008
logo
Mitsubishi Electric Sem...
M52759SP MITSUBISHI-M52759SP Datasheet
466Kb / 25P
   UNIFORMITY FOR CRT DISPLAY MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com