Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLHG440 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. TLHG440
Description  High Efficiency LED in 3 mm Tinted Diffused Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHG440 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLHG440 Datasheet HTML 1Page - Vishay Siliconix TLHG440 Datasheet HTML 2Page - Vishay Siliconix TLHG440 Datasheet HTML 3Page - Vishay Siliconix TLHG440 Datasheet HTML 4Page - Vishay Siliconix TLHG440 Datasheet HTML 5Page - Vishay Siliconix TLHG440 Datasheet HTML 6Page - Vishay Siliconix TLHG440 Datasheet HTML 7Page - Vishay Siliconix TLHG440 Datasheet HTML 8Page - Vishay Siliconix TLHG440 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
VISHAY
TLHG / O / P / R / Y440.
Document Number 83006
Rev. 1.4, 31-Aug-04
Vishay Semiconductors
www.vishay.com
3
Yellow
TLHY44..
1) in one Packing Unit I
Vmin/IVmax ≤ 0.5
Green
TLHG44..
1) in one Packing Unit I
Vmin/IVmax ≤ 0.5
Pure green
TLHP44..
1) in one Packing Unit I
Vmin/IVmax ≤ 0.5
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Luminous intensity 1)
IF = 10 mA
TLHY4400
IV
1.6
3
mcd
TLHY4401
IV
2.5
5
mcd
TLHY4405
IV
6.3
10
mcd
Dominant wavelength
IF = 10 mA
λd
581
594
nm
Peak wavelength
IF = 10 mA
λp
585
nm
Angle of half intensity
IF = 10 mA
ϕ
± 30
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 µAVR
615
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Luminous intensity 1)
IF = 10 mA
TLHG4400
IV
2.5
4
mcd
TLHG4401
IV
46
mcd
TLHG4405
IV
6.3
12
mcd
Dominant wavelength
IF = 10 mA
λd
562
575
nm
Peak wavelength
IF = 10 mA
λp
565
nm
Angle of half intensity
IF = 10 mA
ϕ
± 30
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 µAVR
615
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Luminous intensity 1)
IF = 10 mA
TLHP4400
IV
0.63
2
mcd
TLHP4401
IV
13
mcd
TLHP4405
IV
1.6
3.5
mcd
Dominant wavelength
IF = 10 mA
λd
555
565
nm
Peak wavelength
IF = 10 mA
λp
555
nm
Angle of half intensity
IF = 10 mA
ϕ
± 30
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 µAVR
615
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn