Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLHG440 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TLHG440
Description  High Efficiency LED in 3 mm Tinted Diffused Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHG440 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TLHG440 Datasheet HTML 2Page - Vishay Siliconix TLHG440 Datasheet HTML 3Page - Vishay Siliconix TLHG440 Datasheet HTML 4Page - Vishay Siliconix TLHG440 Datasheet HTML 5Page - Vishay Siliconix TLHG440 Datasheet HTML 6Page - Vishay Siliconix TLHG440 Datasheet HTML 7Page - Vishay Siliconix TLHG440 Datasheet HTML 8Page - Vishay Siliconix TLHG440 Datasheet HTML 9Page - Vishay Siliconix TLHG440 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
6
Document Number 83006
Rev. 1.4, 31-Aug-04
VISHAY
TLHG / O / P / R / Y440.
Vishay Semiconductors
Figure 13. Relative Luminous Intensity vs. Forward Current
Figure 14. Relative Intensity vs. Wavelength
Figure 15. Forward Current vs. Forward Voltage
0.01
0.1
1
10
100
1
10
IF - Forward Current ( mA )
95 9997
Soft Orange
95 10324
Soft Orange
570
590
610
630
650
0
0.2
0.4
0.6
0.8
1.2
670
λ - Wavelength ( nm )
1.0
0.1
1
10
100
1000
10
8
6
4
2
0
95 10030
VF - Forward Voltage(V)
Yellow
t p /T = 0.001
t p =10 µs
Figure 16. Rel. Luminous Intensity vs. Ambient Temperature
Figure 17. Rel. Lumin. Intensity vs. Forw. Current/Duty Cycle
Figure 18. Relative Luminous Intensity vs. Forward Current
0
0
0.4
0.8
1.2
1.6
95 10031
20
40
60
80
100
Tamb - Ambient Temperature ( °C)
Yellow
IF =10mA
Yellow
10
20
50
100 200
0
0.4
0.8
1.2
1.6
2.4
95 10260
500
0.5
0.2
0.1 0.05
0.02
1
IF(mA)
tp/T
2.0
Yellow
IF - Forward Current ( mA )
100
0.1
1
10
95 10033
10
1
0.01


Similar Part No. - TLHG440

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHG440 VISHAY-TLHG440 Datasheet
208Kb / 11P
   Suitable for DC and high peak current
Rev. 3.1, 24-Mar-15
TLHG440 VISHAY-TLHG440 Datasheet
209Kb / 11P
   High Efficiency LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHG440. VISHAY-TLHG440. Datasheet
213Kb / 11P
   High Efficiency LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLHG4400 VISHAY-TLHG4400 Datasheet
208Kb / 11P
   Suitable for DC and high peak current
Rev. 3.1, 24-Mar-15
TLHG4400-MS12 VISHAY-TLHG4400-MS12 Datasheet
208Kb / 11P
   Suitable for DC and high peak current
Rev. 3.1, 24-Mar-15
More results

Similar Description - TLHG440

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHR44 VISHAY-TLHR44 Datasheet
123Kb / 11P
   High Efficiency LED in 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHG440 VISHAY-TLHG440_V01 Datasheet
209Kb / 11P
   High Efficiency LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHG44K1L2 VISHAY-TLHG44K1L2_V01 Datasheet
113Kb / 5P
   High Efficiency LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHG44K1M2 VISHAY-TLHG44K1M2 Datasheet
111Kb / 5P
   High Efficiency LED in Ø 3 mm Tinted Diffused Package
01-Jan-2022
TLHG440 VISHAY-TLHG440_V02 Datasheet
213Kb / 11P
   High Efficiency LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLHY44K1L2 VISHAY-TLHY44K1L2_V01 Datasheet
113Kb / 5P
   High Efficiency LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHG44K1M2 VISHAY-TLHG44K1M2_V01 Datasheet
111Kb / 5P
   High Efficiency LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLHY5405 VISHAY-TLHY5405 Datasheet
250Kb / 8P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
TLHR54 VISHAY-TLHR54 Datasheet
129Kb / 9P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHG420 VISHAY-TLHG420_V01 Datasheet
215Kb / 11P
   High Efficiency LED in 횠 3 mm Tinted Non-Diffused Package
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com