Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4509RGTR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # THS4509RGTR
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4509RGTR Datasheet(HTML) 15 Page - Texas Instruments

Back Button THS4509RGTR Datasheet HTML 11Page - Texas Instruments THS4509RGTR Datasheet HTML 12Page - Texas Instruments THS4509RGTR Datasheet HTML 13Page - Texas Instruments THS4509RGTR Datasheet HTML 14Page - Texas Instruments THS4509RGTR Datasheet HTML 15Page - Texas Instruments THS4509RGTR Datasheet HTML 16Page - Texas Instruments THS4509RGTR Datasheet HTML 17Page - Texas Instruments THS4509RGTR Datasheet HTML 18Page - Texas Instruments THS4509RGTR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
www.ti.com
f − Frequency − MHz
0
2
4
6
8
10
12
14
16
18
20
22
0.1
1
10
100
1000
10000
G = 20 dB
G = 14 dB
G = 10 dB
G = 6 dB
VOD = 100 mVPP
f − Frequency − MHz
9.8
9.9
10
10.1
10.2
0.1
1
10
100
1000
10000
VOD = 1 VPP
0
2
4
6
8
10
12
14
16
18
20
22
0.1
1
10
100
1000
10000
G = 20 dB
G = 14 dB
G = 10 dB
G = 6 dB
VOD = 1 VPP
f− Frequency − MHz
−120
−110
−100
−90
−80
−70
−60
−50
−40
1
10
100
1000
f − Frequency − MHz
RL = 200 Ω
RL = 500 Ω
RL = 1 kΩ
G = 10 dB,
VOD = 1 VPP
−120
−110
−100
−90
−80
−70
−60
−50
−40
1
10
100
1000
f − Frequency − MHz
G = 6 dB,
VOD = 1 VPP
RL = 100 Ω
RL = 1 kΩ
RL = 500 Ω
RL = 200 Ω
f − Frequency − MHz
−100
−90
−80
−70
−60
−50
−40
1
10
100
1000
G = 6 dB,
VOD = 1 VPP
RL = 500 Ω
RL = 1 kΩ
RL = 200 Ω
RL = 100 Ω
−100
−90
−80
−70
−60
−50
−40
1
10
100
1000
f − Frequency − MHz
G = 10 dB,
VOD = 1 VPP
RL = 500 Ω
RL = 1 kΩ
RL = 200 Ω
−120
−110
−100
−90
−80
−70
−60
−50
−40
1
10
100
1000
f − Frequency − MHz
G = 14 dB,
VOD = 1 VPP
RL = 100 Ω
RL = 200 Ω
RL = 500 Ω
RL = 1 kΩ
−100
−90
−80
−70
−60
−50
−40
1
10
100
1000
RL = 500 Ω
RL = 1 kΩ
f − Frequency − MHz
G = 14 dB,
VOD = 1 VPP
RL = 100 Ω
RL = 200 Ω
THS4509
SLOS454 – JANUARY 2005
SMALL-SIGNAL
LARGE-SIGNAL
FREQUNECY RESPONSE
FREQUNECY RESPONSE
0.1 dB FLATNESS
Figure 42.
Figure 43.
Figure 44.
HD2
HD3
HD2
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 45.
Figure 46.
Figure 47.
HD3
HD2
HD3
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 48.
Figure 49.
Figure 50.
15


Similar Part No. - THS4509RGTR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4509RGTR NSC-THS4509RGTR Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509RGTRG4 NSC-THS4509RGTRG4 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4509RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com