Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWSB21AA1F Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # CWSB21AA1F
Description  General Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

CWSB21AA1F Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  CWSB21AA1F Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. CWSB21AA1F Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. CWSB21AA1F Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. CWSB21AA1F Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. CWSB21AA1F Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. CWSB21AA1F Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Series CW
Miniature Power Rockers
B12
B
www.nkkswitches.com
General Specifications
Electrical Capacity
Power Level:
For Resistive Load 6A @ 250V AC
Other Ratings
Contact Resistance:
20 milliohms maximum
Insulation Resistance:
500 megohms minimum @ 500V DC
Dielectric Strength:
1,500V AC minimum between contacts for 1 minute minimum
3,000V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
30,000 operations minimum
Electrical Life:
10,000 operations minimum with Resistive Load & 6,000 operations with Inductive Load
Nominal Operating Force:
2.50N
Angle of Throw:
30°
Operating Temperature Range:
–10°C ~ +70°C (+14°F ~ +158°F)
Materials & Finishes
Rocker:
Polycarbonate
Stationary Contacts:
Silver alloy
Housing:
Polyamide
Base:
Laminated thermosetting sheets
Movable Contactor:
Brass with silver alloy plating
Contact Terminals:
Copper with silver plating
Movable Contacts:
Silver alloy
Common Terminals:
Brass with silver plating
Electrical Capacity
Power Level:
For Resistive Load 6A @ 250V AC
Other Ratings
Contact Resistance:
20 milliohms maximum
Insulation Resistance:
500 megohms minimum @ 500V DC
Dielectric Strength:
1,500V AC minimum between contacts for 1 minute minimum
3,000V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
30,000 operations minimum
Electrical Life:
10,000 operations minimum with Resistive Load & 6,000 operations with Inductive Load
Nominal Operating Force:
6.50N for single pole models; 10.0N for double pole models
Angle of Throw:
30°
Operating Temperature Range: –10°C ~ +70°C (+14°F ~ +158°F)
Materials & Finishes
Rocker:
Polycarbonate
Stationary Contacts: Silver alloy
Housing:
Polyamide
Base: Laminated thermosetting sheets
Movable Contactor:
Beryllium copper w/silver alloy plating
Terminals: Brass with silver plating
Movable Contacts:
Silver
Electrical Capacity
Power Level:
For Resistive Load 6A @ 125V AC; 3A @ 250V AC; 4A @ 30V DC
Other Ratings
Contact Resistance:
20 milliohms maximum
Insulation Resistance:
1,000 megohms minimum @ 500V DC
Dielectric Strength:
1,000V AC minimum between contacts for 1 minute minimum
1,500V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
50,000 operations minimum
Electrical Life:
25,000 operations minimum
Nominal Operating Force:
2.0N
Angle of Throw:
30°
Operating Temperature Range: –25°C ~ +70°C (–13°F ~ +158°F)
Materials & Finishes
Rocker:
Glass fiber reinforced polyamide
Base: LCP (Liquid Crystal Polymer)
Housing:
Polyamide
Contact Terminals: Brass + silver with silver plating
Movable Contactor:
Phosphor bronze w/silver plating Common Terminals: Brass with silver plating
Movable Contacts:
Silver alloy
CWSB
CWT
CWSA


Similar Part No. - CWSB21AA1F

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
CWSB21AA1F NKK-CWSB21AA1F Datasheet
266Kb / 6P
   Miniature Power Rockers
More results

Similar Description - CWSB21AA1F

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com