Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWSB11AA1F Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # CWSB11AA1F
Description  General Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

CWSB11AA1F Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  CWSB11AA1F Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. CWSB11AA1F Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. CWSB11AA1F Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. CWSB11AA1F Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. CWSB11AA1F Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. CWSB11AA1F Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Series CW
Miniature Power Rockers
B16
B
www.nkkswitches.com
TYPICAL SWITCH DIMENSIONS FOR CWSA
CWSA12AANS
Right Angle
Single Pole • Horizontal On-Off Inscription
Solder Lug
Single Pole • No Inscription
CWSA11AAN1H
INSCRIPTIONS
None
Not available in
double pole.
No
Code
Horizontal Orientation
Only On-None-Off models
are available with the
horizontal inscription.
1
Vertical Orientation
Only On-None-Off models
are available with the
vertical inscription.
2
Dot Marking
Only Single Pole On-None-
Off models are available
with the dot inscription.
3
The IEC symbols for On-Off are supplied with Single Throw models only. Orientation of inscription must be selected.
Inscription color is white ink on black.
Panel Thickness
.030” ~ .079”
(0.75mm ~ 2.0mm)
(20.8)
.819
(15.5)
.610
(10.2)
.402
(14.8)
.583
30°
(13.3)
.524
(2.0)
.079
(0.2)
.008
(15.6)
.614
(2.9)
.114
(0.8)
.031
(7.0) Typ
.276
(17.0)
.669
(0.5) Typ
.020
(1.7) x (2.5) Typ
.067 x .098
(5.5)
.217
NKK P/N This Side
1b
1
1a
(12.9)
.508
(3.0)
.118
(18.5)
.728
(12.3)
.484
(20.8)
.819
(15.5)
.610
(10.2)
.402
(14.8)
.583
(12.0)
.472
(1.2)
.047
(16.0)
.630
(14.0)
.551
(2.0)
.079
(5.5)
.217
(12.3)
.484
(12.9)
.508
1a
11b
(0.8) Typ
.031
(18.5)
.728
(7.0) Typ
.276
(12.9)
.508
(19.2)
.756
(14.0)
.551
(1.8) Dia Typ
.071
1b
11a
Terminal numbers
are on side
of switch body
Terminal numbers are
on side of switch body
Single throw model does
not have terminal 1b
Single throw model does
not have terminal 1b


Similar Part No. - CWSB11AA1F

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
CWSB11AA1F NKK-CWSB11AA1F Datasheet
266Kb / 6P
   Miniature Power Rockers
More results

Similar Description - CWSB11AA1F

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com