Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAND128R4A2BV1T Datasheet(PDF) 2 Page - STMicroelectronics

Part # NAND128R4A2BV1T
Description  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND128R4A2BV1T Datasheet(HTML) 2 Page - STMicroelectronics

  NAND128R4A2BV1T Datasheet HTML 1Page - STMicroelectronics NAND128R4A2BV1T Datasheet HTML 2Page - STMicroelectronics NAND128R4A2BV1T Datasheet HTML 3Page - STMicroelectronics NAND128R4A2BV1T Datasheet HTML 4Page - STMicroelectronics NAND128R4A2BV1T Datasheet HTML 5Page - STMicroelectronics NAND128R4A2BV1T Datasheet HTML 6Page - STMicroelectronics NAND128R4A2BV1T Datasheet HTML 7Page - STMicroelectronics NAND128R4A2BV1T Datasheet HTML 8Page - STMicroelectronics NAND128R4A2BV1T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
NAND128-A, NAND256-A, NAND512-A, NAND01G-A
2/57
Table 1. Product List
Reference
Part Number
NAND128-A
NAND128R3A
NAND128W3A
NAND128R4A
NAND128W4A
NAND256-A
NAND256R3A
NAND256W3A
NAND256R4A
NAND256W4A
NAND512-A
NAND512R3A
NAND512W3A
NAND512R4A
NAND512W4A
NAND01G-A
NAND01GR3A
NAND01GW3A
NAND01GR4A
NAND01GW4A


Similar Part No. - NAND128R4A2BV1T

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
NAND16GAH0AZA5E NUMONYX-NAND16GAH0AZA5E Datasheet
2Mb / 116P
   1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
NAND16GAH0AZA5F NUMONYX-NAND16GAH0AZA5F Datasheet
2Mb / 116P
   1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
NAND16GAH0D NUMONYX-NAND16GAH0D Datasheet
2Mb / 116P
   1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
NAND16GAH0DZA5E NUMONYX-NAND16GAH0DZA5E Datasheet
2Mb / 116P
   1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
NAND16GAH0DZA5F NUMONYX-NAND16GAH0DZA5F Datasheet
2Mb / 116P
   1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
More results

Similar Description - NAND128R4A2BV1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND512R3A2C STMICROELECTRONICS-NAND512R3A2C Datasheet
674Kb / 51P
   512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
logo
Numonyx B.V
NAND512R3A2C NUMONYX-NAND512R3A2C Datasheet
1Mb / 51P
   512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
NAND512R3A2SN6F NUMONYX-NAND512R3A2SN6F Datasheet
1Mb / 55P
   512-Mbit, 528-byte/264-word page, 1.8 V/3 V, SLC NAND flash memories
logo
STMicroelectronics
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
NAND01G-N STMICROELECTRONICS-NAND01G-N Datasheet
217Kb / 23P
   1 Gbit (x8/x16) 2112 Byte Page NAND Flash Memory and 512 Mbit (x16) LPSDRAM, 1.8V, Multi-Chip Package
NAND256-M STMICROELECTRONICS-NAND256-M Datasheet
228Kb / 23P
   256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
631Kb / 64P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
logo
Numonyx B.V
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
STMicroelectronics
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com