Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-1123076-5 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1-1123076-5
Description  Easy connections to equipment
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1123076-5 Datasheet(HTML) 1 Page - Tyco Electronics

  1-1123076-5 Datasheet HTML 1Page - Tyco Electronics 1-1123076-5 Datasheet HTML 2Page - Tyco Electronics 1-1123076-5 Datasheet HTML 3Page - Tyco Electronics 1-1123076-5 Datasheet HTML 4Page - Tyco Electronics 1-1123076-5 Datasheet HTML 5Page - Tyco Electronics 1-1123076-5 Datasheet HTML 6Page - Tyco Electronics 1-1123076-5 Datasheet HTML 7Page - Tyco Electronics 1-1123076-5 Datasheet HTML 8Page - Tyco Electronics 1-1123076-5 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
Catalog 6-1773442-9
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 9-08
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Introduction
Connector System for IEEE 1394 Serial Bus
Features
Conform to IEEE 1394
standard
Easy connections to
equipment
For use with plug and play
devices
Applicable to wide ranges of
connections
Optional panel mounting
with M1.6 screw thread
DIP and SMT types are
available for PC board side
Applicable for automatic
mounting machines with
embossed tapes (4 pos.)
This product conforms to
IEEE 1394. With only one
type of connector, your
PC can be connected to
several digital peripheral
equipment. IEEE 1394
connector series capable of
accommodating data rates
up to 400Mbps. for serial
transmission are consisted
of the 6 position connectors
for connections of comput-
ers to peripherals, and the
4 position connectors for
connections of digital AV
equipment. For connec-
tions of computers to digital
AV equipment, 4 position to
6 position transition type
cable assemblies are used.
In order to cope with a wide
range of device designs,
headers of 4 position
connectors suitable for
DVD, STB, etc. are provided
with screw thread size of
M1.6, and in two types —
DIP and SMT types.
The cable assemblies are
also available with 4 position
to 4 position type for
connection of AV equipment,
4 positions to 6 positions
of transition type for
connections of PC and AV
equipment, and 6 position
to 6 position type for
connections of PC and
peripherals.
Table of Contents
6 Position IEEE 1394
Connectors . . . . . . . . . . 2-6
4 Position IEEE 1394
Connectors . . . . . . . . . 7-17
9 Position IEEE 1394
Connectors . . . . . . . . 18, 19
Cable Assembly . . . . . . . 20
Product Specification
6 Position 108-1606
4 Position 108-5157
9 Position 108-57567
Disclaimer
While Tyco Electronics has made every
reasonable effort to ensure the accuracy
of the information in this catalog,
Tyco Electronics does not guarantee that
it is error-free, nor does Tyco Electronics
make any other representation, warranty
or guarantee that the information is
accurate, correct, reliable or current.
Tyco Electronics reserves the right to
make any adjustments to the information
contained herein at any time without
notice. Tyco Electronics expressly dis-
claims all implied warranties regarding
the information contained herein, includ-
ing, but not limited to, any implied war-
ranties of merchantability or fitness for
a particular purpose.
© Copyright 2008 and 2006
Tyco Electronics Corporation.
All Rights Reserved.
TE LOGO and TYCO ELECTRONICS are
trademarks.
Other products, logos, and company
names mentioned herein may be trade-
marks of their respective owners.
See back cover for Global Contacts
and phone numbers.
Need more information?
Call Technical Support at
the numbers listed below.
Technical Support is staffed
with specialists well versed
in all Tyco Electronics
products. They can provide
you with:
Technical Support
Catalogs
Technical Documents
Product Samples
Tyco Electronics
Authorized Distributor
Locations


Similar Part No. - 1-1123076-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1123688-7 MACOM-1-1123688-7 Datasheet
1Mb / 6P
   Quick Reference Guide 2-Piece Power Connectors
1-1123688-7 MACOM-1-1123688-7 Datasheet
1Mb / 6P
   2-Piece Power Connectors
1-1123688-7 MACOM-1-1123688-7 Datasheet
1Mb / 6P
   2-Piece Power Connectors
1-1123688-7 MACOM-1-1123688-7 Datasheet
1Mb / 6P
   2-Piece Power Connectors
1-1123688-7 MACOM-1-1123688-7 Datasheet
1Mb / 6P
   2-Piece Power Connectors
More results

Similar Description - 1-1123076-5

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
M04 DYELEC-M04 Datasheet
1Mb / 2P
   Easy connections
logo
Grayhill, Inc
02-20 GRAYHILL-02-20 Datasheet
94Kb / 1P
   Rapid, Easy Connections
02-24 GRAYHILL-02-24 Datasheet
99Kb / 1P
   Rapid, Easy Connections
logo
Epson Company
S1R72U06 EPSON-S1R72U06 Datasheet
524Kb / 32P
   Ease of use and easy connections (serial connections)
S1R72U01 EPSON-S1R72U01 Datasheet
505Kb / 32P
   Ease of use and easy connections (serial connections)
logo
Keysight Technologies
W1138A KEYSIGHT-W1138A Datasheet
1Mb / 14P
   GPIB, USB and Instrument Control for easy PC-to-Instrument Connections
logo
celduc-relais
1LK00700 CELDUC-1LK00700 Datasheet
766Kb / 4P
   Power connections
logo
List of Unclassifed Man...
KT120 ETC2-KT120 Datasheet
47Kb / 2P
   Terminal connections
logo
STMicroelectronics
STW69N65M5-4 STMICROELECTRONICS-STW69N65M5-4 Datasheet
792Kb / 13P
   Easy to drive
January 2014 Rev 2
logo
Maxim Integrated Produc...
MAX1403EVSYSTEM MAXIM-MAX1403EVSYSTEM Datasheet
1Mb / 20P
   Easy to Configure
Rev 0; 5/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com