Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-1123076-5 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 1-1123076-5
Description  Easy connections to equipment
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1123076-5 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 1-1123076-5 Datasheet HTML 3Page - Tyco Electronics 1-1123076-5 Datasheet HTML 4Page - Tyco Electronics 1-1123076-5 Datasheet HTML 5Page - Tyco Electronics 1-1123076-5 Datasheet HTML 6Page - Tyco Electronics 1-1123076-5 Datasheet HTML 7Page - Tyco Electronics 1-1123076-5 Datasheet HTML 8Page - Tyco Electronics 1-1123076-5 Datasheet HTML 9Page - Tyco Electronics 1-1123076-5 Datasheet HTML 10Page - Tyco Electronics 1-1123076-5 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
Catalog 6-1773442-9
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 9-08
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
4 Position IEEE 1394 Connectors
Connector System for IEEE 1394 Serial Bus
Note: All part numbers are RoHS compliant.
Receptacle Assembly,
Right-Angle, Thru-Hole
Part Number
1-1734056-1
Material and Finish
Housing — Thermoplastic, UL94V-0,
black
Contact — Copper alloy, gold and tin
plated, nickel underplated
Front Shell — Steel, nickel plated
Back Shell — Steel
Sec. A-A
2.00
[.079]
7.60
[.299]
4.00
[.157]
4.75
[.187]
Recommended PCB Layout
4.55
[.179]
A
Boss
12.00
[.472]
6.10
[.240]
8.10
[.319]
5.45
[.215]
1.90
[.075]
6.45
[.254]
Ref.
4.00
[.157]
2.00
[.079]
2.60
[.102]
Typ.
2.00
[.079]
2.40
[.094]
1.00
[.039]
2.60
[.102]
0.80
[.031]
2.60
[.102]
5.90
[.232]
4.75
[.187]
8.70
[.343]
3.50
[.138]
1.50
[.059]
4 Plcs.
7.60
[.299]
A
0.30
[.012]
2.50
[.098]
2.90
[.114]
1.60
[.063]
3.50
[.138]
3.20
[.126]
3.55
[.140]
Ø 0.70
[.028]
Ø 1.10
[.043]
Description
Part Number
Orientation
SMT /
Feature
T/L
Page
Thru-Hole
Number
1-1734056-1
Right-Angle
Thru-Hole
Boss
2.6
7
1-1734056-2
Right-Angle
Thru-Hole
Without Boss
2.6
8
1318714-1
Vertical
Thru-Hole
Flange M1.6
2.0
9
1318141-1
Right-Angle
SMT
Flange M1.6
N/A
10
1318140-1
Right-Angle
SMT
Flange Ø2.1
N/A
11
Receptacle
1734194-1
Edge Mount
SMT
N/A
12
353388-1
Right-Angle
Thru-Hole
Flange M1.6
2.0
13
1318138-1
Right-Angle
Thru-Hole
Flange M1.6
2.0
13
Tape & Reel
1123843-1
Right-Angle
Thru-Hole
Flange M1.6
3.85
14
1734681-1
Edge Mount
Thru-Hole
2.0
15
1674260-1
Right-Angle
Thru-Hole
Stacked
2.8
16
Plug Kit
1717700-1
Plug Kit
N/A
N/A
N/A
17
The Mini IEEE 1394 serial
bus can be used as a low
cost high speed way to
interconnect peripheral
devices. This product has
been implemented in
applications connecting
video cameras to PC’s and
set top boxes for home
entertainment systems.


Similar Part No. - 1-1123076-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1123688-7 MACOM-1-1123688-7 Datasheet
1Mb / 6P
   Quick Reference Guide 2-Piece Power Connectors
1-1123688-7 MACOM-1-1123688-7 Datasheet
1Mb / 6P
   2-Piece Power Connectors
1-1123688-7 MACOM-1-1123688-7 Datasheet
1Mb / 6P
   2-Piece Power Connectors
1-1123688-7 MACOM-1-1123688-7 Datasheet
1Mb / 6P
   2-Piece Power Connectors
1-1123688-7 MACOM-1-1123688-7 Datasheet
1Mb / 6P
   2-Piece Power Connectors
More results

Similar Description - 1-1123076-5

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
M04 DYELEC-M04 Datasheet
1Mb / 2P
   Easy connections
logo
Grayhill, Inc
02-20 GRAYHILL-02-20 Datasheet
94Kb / 1P
   Rapid, Easy Connections
02-24 GRAYHILL-02-24 Datasheet
99Kb / 1P
   Rapid, Easy Connections
logo
Epson Company
S1R72U06 EPSON-S1R72U06 Datasheet
524Kb / 32P
   Ease of use and easy connections (serial connections)
S1R72U01 EPSON-S1R72U01 Datasheet
505Kb / 32P
   Ease of use and easy connections (serial connections)
logo
Keysight Technologies
W1138A KEYSIGHT-W1138A Datasheet
1Mb / 14P
   GPIB, USB and Instrument Control for easy PC-to-Instrument Connections
logo
celduc-relais
1LK00700 CELDUC-1LK00700 Datasheet
766Kb / 4P
   Power connections
logo
List of Unclassifed Man...
KT120 ETC2-KT120 Datasheet
47Kb / 2P
   Terminal connections
logo
STMicroelectronics
STW69N65M5-4 STMICROELECTRONICS-STW69N65M5-4 Datasheet
792Kb / 13P
   Easy to drive
January 2014 Rev 2
logo
Maxim Integrated Produc...
MAX1403EVSYSTEM MAXIM-MAX1403EVSYSTEM Datasheet
1Mb / 20P
   Easy to Configure
Rev 0; 5/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com