Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWSA12AAN1S Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # CWSA12AAN1S
Description  General Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

CWSA12AAN1S Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  CWSA12AAN1S Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. CWSA12AAN1S Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. CWSA12AAN1S Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. CWSA12AAN1S Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. CWSA12AAN1S Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. CWSA12AAN1S Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Series CW
Miniature Power Rockers
B17
B
www.nkkswitches.com
CWT12AAS1
Single Pole • No Inscription
Solder Lug
TYPICAL SWITCH DIMENSIONS FOR CWSB
CWSB21AA2F
Single Pole • Dot Inscription
Right Angle
Double Pole • Vertical On-Off Inscription
Quick Connect
CWSB11AA3H
Footprint
DPST
Panel Thickness
.030” ~ .079”
(0.75mm ~ 2.0mm)
TYPICAL SWITCH DIMENSIONS FOR CWT
Panel Thickness
.030” ~ .079”
(0.75mm ~ 2.0mm)
Footprint
SPST
(21.1)
.831
(15.8)
.622
(10.6)
.417
(15.1)
.594
(12.9)
.508
(19.2)
.756
(5.0)
.197
(4.9)
.193
(1.8) Dia Typ
.071
11a
(5.0)
.197
(4.9)
.193
(4.7)
.185
(1.8) Dia Typ
.071
2a
1
2
1a
(15.8)
.622
(10.6)
.417
(15.1)
.594
(21.1)
.831
(17.8)
.701
(0.8)
.031
(22.5)
.886
(14.2)
.559
(1.0)
.039
(2.0)
.079
(5.7)
.224
2a
2
1
1a
(2.5) Typ
.098
(4.0) Typ
.157
(1.3) Typ
.051
(4.9)
.193
(5.0)
.197
(4.0)
.157
(12.9)
.508
(12.6)
.496
(16.2)
.638
(9.0)
.354
(4.8)
.189
(6.8)
.268
(19.2)
.756
(17.4)
.685
(18.6)
.732
30°
NKK P/N This Side
(5.7)
.224
(12.9)
.508
(2.0)
.079
(1.0)
.039
(8.1)
.319
(16.2)
.638
(2.65)
.104
(5.0)
.197
(4.0)
.157
(2.3) Dia Typ
.091
(1.6) Dia Typ
.063
1
2
1a
2a
(2.5) Typ
.098
(4.0) Typ
.157
(4.75) Typ
.187
(0.8) Typ
.031
(12.6)
.496
(12.9)
.508
Terminal numbers are
on bottom of switch
Terminal numbers are
on bottom of switch
Terminal numbers
are on side
of switch body
(5.0)
.197
(21.0)
.827
(6.8)
.268
(2.0) Typ
.079
1
2
3
30°
NKK P/N This Side
(5.5)
.217
(0.8) Typ
.031
(1.1) x (2.0) Typ
.043 x .079
(4.7) Typ
.185
(18.0)
.709
(1.5)
.059
(15.5)
.610
(3.5)
.138
(13.45)
.530


Similar Part No. - CWSA12AAN1S

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
CWSA12AAN1S NKK-CWSA12AAN1S Datasheet
266Kb / 6P
   Miniature Power Rockers
More results

Similar Description - CWSA12AAN1S

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com