Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5034290000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5034290000
Description  CLIK-Mate 1.50mm Pitch Wire-to-Board Crimp Terminal, Tin Plating, 26-30 AWG
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

5034290000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5034290000 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 05/30/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5034290000
Status:
Active
Overview:
CLIK-Mate™ Wire-to-Board Connectors
Description:
CLIK-Mate™ 1.50mm Pitch Wire-to-Board Crimp Terminal, Tin Plating, 26-30 AWG,
Reel
Documents:
3D Model
Application Specification AS-502578-001-001 (PDF)
Drawing (PDF)
Application Specification AS-502578-002-001 (PDF)
Product Specification PS-502584-001-001 (PDF)
Application Specification AS-503149-001-001 (PDF)
Product Specification PS-503159-001-001 (PDF)
Application Specification AS-503395-001-001 (PDF)
Product Specification PS-503395-001-001 (PDF)
Packaging Specification SPK-503429-001-001 (PDF)
Application Specification 5031490000-000 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
503429
Application
Signal
Crimp Quality Equipment
Yes
Overview
CLIK-Mate™ Wire-to-Board Connectors
Product Name
CLIK-Mate™
UPC
883906522988
Physical
Durability (mating cycles max)
30
Gender
Male
Material - Metal
Copper Alloy
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Net Weight
42.000/mg
Packaging Type
Reel
Plating min - Mating
0.406µm
Plating min - Termination
0.406µm
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
0.70-1.02mm
Wire Size AWG
26, 28, 30
Wire Size mm²
0.05-0.13
Electrical
Current - Maximum per Contact
1.5A
Voltage - Maximum
100V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Application Specification
5031490000-000, AS-502578-001-001,
AS-502578-002-001, AS-503149-001-001,
AS-503395-001-001
Crimp Specification
CS-503429-001-001
Packaging Specification
SPK-503429-001-001
Product Specification
PS-502584-001-001, PS-503159-001-001,
PS-503395-001-001
Sales Drawing
SD-503429-001, SD-503429-002
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
503429 Series
Use With
502578 CLIK-Mate™ Housing, 503149
CLIK-Mate™ Housing
This document was generated on 05/30/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 5034290000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5034291000 MOLEX1-5034291000 Datasheet
34Kb / 2P
   CLIK-Mate 1.50mm Pitch Wire-to-Board Crimp Terminal, Gold Plating, 26-30 AWG,Reel
More results

Similar Description - 5034290000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5034291000 MOLEX1-5034291000 Datasheet
34Kb / 2P
   CLIK-Mate 1.50mm Pitch Wire-to-Board Crimp Terminal, Gold Plating, 26-30 AWG,Reel
5025790000 MOLEX1-5025790000_17 Datasheet
34Kb / 2P
   CLIK-Mate 1.50mm Pitch Wire-to-Board Crimp Terminal, Tin Plating, 24-28 AWG
5025790100 MOLEX1-5025790100 Datasheet
34Kb / 2P
   CLIK-Mate 1.50mm Pitch Wire-to-Board Crimp Terminal, Tin Plating, 24-28 AWG,Bag
5025791000 MOLEX1-5025791000 Datasheet
33Kb / 1P
   CLIK-Mate 1.50mm Pitch Wire-to-Board Crimp Terminal, Gold Plating, 24-28 AWG,Reel
5025791100 MOLEX1-5025791100 Datasheet
28Kb / 1P
   CLIK-Mate 1.50mm Pitch Wire-to-Board Crimp Terminal, Gold Plating, 24-28 AWG,Bag
5025790000 MOLEX11-5025790000 Datasheet
123Kb / 3P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board Crimp Terminal, Chain
0638251200 MOLEX-0638251200 Datasheet
30Kb / 2P
   Hand Crimp Tool for 1.50mm (.059) Pitch CLIK-Mate Wire-to-Board Crimp Terminal
08/26/2022
5023810000 MOLEX1-5023810000_17 Datasheet
45Kb / 1P
   CLIK-Mate and IllumiMate 1.25mm Pitch Wire-to-Board Crimp Terminal, Tin Plating, Reel
5025780700 MOLEX11-5025780700 Datasheet
162Kb / 2P
   1.50mm (.059") Pitch CLIK-Mate??Wire-to-Board Housing
5024380000 MOLEX1-5024380000_17 Datasheet
32Kb / 1P
   2.00mm Pitch CLIK-Mate Wire-to-Board Crimp Terminal, Reel
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com