Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TC58512FT Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. TC58512FT
Description  TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

 
 3 page
background image
TC58512FT
2001-03-05
3/43
VALID BLOCKS (1)
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
NVB
Number of Valid Blocks
4016
¾
4096
Blocks
(1) The TC58512 occasionally contains unusable blocks. Refer to Application Note (14) toward the end of this document.
RECOMMENDED DC OPERATING CONDITIONS
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
VCC
Power Supply Voltage
2.7
3.3
3.6
V
VIH
High Level input Voltage
2.0
¾
VCC + 0.3
V
VIL
Low Level Input Voltage
-0.3*
¾
0.8
V
*
-2 V (pulse width lower than 20 ns)
DC CHARACTERISTICS (Ta
==== 0° to 70°C, VCC ==== 2.7 V to 3.6 V)
SYMBOL
PARAMETER
CONDITION
MIN
TYP.
MAX
UNIT
IIL
Input Leakage Current
VIN = 0 V to VCC
¾
¾
±10
mA
ILO
Output Leakage Current
VOUT = 0.4 V to VCC
¾
¾
±10
mA
ICCO1
Operating Current (Serial Read)
CE
= VIL, IOUT = 0 mA, tcycle = 50 ns
¾
10
30
mA
ICCO3
Operating Current
(Command Input)
tcycle = 50 ns
¾
10
30
mA
ICCO4
Operating Current (Data Input)
tcycle = 50 ns
¾
10
30
mA
ICCO5
Operating Current
(Address Input)
tcycle = 50 ns
¾
10
30
mA
ICCO7
Programming Current
¾
¾
10
30
mA
ICCO8
Erasing Current
¾
¾
10
30
mA
ICCS1
Standby Current
CE
= VIH
¾
¾
1
mA
ICCS2
Standby Current
CE
= VCC - 0.2 V
¾
¾
100
mA
VOH
High Level Output Voltage
IOH = -400 mA
2.4
¾
¾
V
VOL
Low Level Output Voltage
IOL = 2.1 mA
¾
¾
0.4
V
IOL (
BY
/
RY
)
Output Current of
BY
/
RY
pin
VOL = 0.4 V
¾
8
¾
mA




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TC55VBM316AFTNTENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC55NEM208ATENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TH58100FTTENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC55VCM216ASTN40TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC51WHM616AXBN70TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC55VEM316AXBN40TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC58NVG1S3BFT00TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC58NS256DCTENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 256-MBIT 32M ®8 BITS CMOS NAND E2PROM 32M BYTE SmartMediaTM 1 2 3 4 5 MoreToshiba Semiconductor
TC55V8512FT-12TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC55NEM216AFTN55TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl