Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TC58512FT Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. TC58512FT
Description  TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

 
 2 page
background image
TC58512FT
2001-03-05
2/43
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
SYMBOL
RATING
VALUE
UNIT
VCC
Power Supply Voltage
-0.6 to 4.6
V
VIN
Input Voltage
-0.6 to 4.6
V
VI/O
Input/Output Voltage
-0.6 V to VCC + 0.3 V (£ 4.6 V)
V
PD
Power Dissipation
0.3
W
Tsolder
Soldering Temperature (10s)
260
°C
Tstg
Storage Temperature
-55 to 150
°C
Topr
Operating Temperature
0 to 70
°C
CAPACITANCE *(Ta
==== 25°C, f ==== 1 MHz)
SYMB0L
PARAMETER
CONDITION
MIN
MAX
UNIT
CIN
Input
VIN = 0 V
¾
10
pF
COUT
Output
VOUT = 0 V
¾
10
pF
*
This parameter is periodically sampled and is not tested for every device.
I/O Control circuit
Status register
Address register
Command register
Column buffer
Column decoder
Data register
Sense amp
Memory cell array
Control
HV generator
Logic control
BY
/
RY
VCC
I/O1
VSS
I/O8
to
WP
CE
CLE
ALE
WE
RE
BY
/
RY




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TC55VBM316AFTNTENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC55NEM208ATENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TH58100FTTENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC55VCM216ASTN40TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC51WHM616AXBN70TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC55VEM316AXBN40TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC58NVG1S3BFT00TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC58NS256DCTENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 256-MBIT 32M ®8 BITS CMOS NAND E2PROM 32M BYTE SmartMediaTM 1 2 3 4 5 MoreToshiba Semiconductor
TC55V8512FT-12TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC55NEM216AFTN55TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl