Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TC58512FT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TC58512FT
Description  TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

 
 1 page
background image
TC58512FT
2001-03-05
1/43
· Power supply
VCC = 2.7 V to 3.6 V
· Program/Erase Cycles 1E5 cycle (with ECC)
· Access time
Cell array to register 25 ms max
Serial Read Cycle
50 ns min
· Operating current
Read (50 ns cycle)
10 mA typ.
Program (avg.)
10 mA typ.
Erase (avg.)
10 mA typ.
Standby
100 mA
· Package
TSOPI48-P-1220-0.50 (Weight: 0.53 g typ.)
TENTATIVE
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
512-MBIT (64M
´ 8 BITS) CMOS NAND E
2
PROM
DESCRIPTION
The TC58512 is a single 3.3 V 512-Mbit (553,648,128) bit NAND Electrically Erasable and Programmable
Read-Only Memory (NAND E2PROM) organized as 528 bytes ´ 32 pages ´ 4096 blocks. The device has a 528-byte
static register which allows program and read data to be transferred between the register and the memory cell array
in 528-byte increments. The Erase operation is implemented in a single block unit (16 Kbytes + 512 bytes: 528 bytes
´ 32 pages).
The TC58512 is a serial-type memory device which utilizes the I/O pins for both address and data input/output as
well as for command inputs. The Erase and Program operations are automatically executed making the device most
suitable for applications such as solid-state file storage, voice recording, image file memory for still cameras and
other systems which require high-density non-volatile memory data storage.
FEATURES
· Organization
Memory cell allay 528 ´ 128K ´ 8
Register
528 ´ 8
Page size
528 bytes
Block size
(16K + 512) bytes
· Modes
Read, Reset, Auto Page Program
Auto Block Erase, Status Read
Multi Block Program, Multi Block Erase
· Mode control
Serial input/output
Command control
PIN ASSIGNMENT (TOP VIEW)
PIN NAMES
I/O1 to I/O8
I/O port
CE
Chip enable
WE
Write enable
RE
Read enable
CLE
Command latch enable
ALE
Address latch enable
WP
Write protect
BY
/
RY
Ready/Busy
GND
Ground input
VCC
Power supply
VSS
Ground
1
48
2
47
3
46
4
45
5
44
6
43
7
42
8
41
9
40
10
39
11
38
12
37
13
36
14
35
15
34
16
33
17
32
18
31
19
30
20
29
21
28
22
27
23
26
24
25
NC
NC
NC
NC
I/O8
I/O7
I/O6
I/O5
NC
NC
NC
VCC
VSS
NC
NC
NC
I/O4
I/O3
I/O2
I/O1
NC
NC
NC
NC
NC
NC
NC
NC
NC
GND
BY
/
RY
RE
CE
NC
NC
VCC
VSS
NC
NC
CLE
ALE
WE
WP
NC
NC
NC
NC
NC
· TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general
can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer,
when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid
situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to
property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most
recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the “Handling Guide
for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability Handbook” etc..
· The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal
equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are
neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or
failure of which may cause loss of human life or bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control
instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control
instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document
shall be made at the customer’s own risk.
· The products described in this document are subject to the foreign exchange and foreign trade laws.
· The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by
TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its
use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or
others.
· The information contained herein is subject to change without notice.
000707EBA1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TC55VBM316AFTNTENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC55NEM208ATENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TH58100FTTENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC55VCM216ASTN40TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC51WHM616AXBN70TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC55VEM316AXBN40TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC58NVG1S3BFT00TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC58NS256DCTENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 256-MBIT 32M ®8 BITS CMOS NAND E2PROM 32M BYTE SmartMediaTM 1 2 3 4 5 MoreToshiba Semiconductor
TC55V8512FT-12TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC55NEM216AFTN55TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl