Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TC58512FT Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part No. TC58512FT
Description  TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

 
 5 page
background image
TC58512FT
2001-03-05
5/43
Note: (1) CE High to Ready time depends on the pull-up resistor tied to the
BY
/
RY
pin.
(Refer to Application Note (9) toward the end of this document.)
(2) Sequential Read is terminated when tCEH is greater than or equal to 100 ns. If the RE to CE delay
is less than 30 ns,
BY
/
RY
signal stays Ready.
PROGRAMMING AND ERASING CHARACTERISTICS (Ta
==== 0° to 70°C, VCC ==== 2.7 V to 3.6 V)
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
NOTES
tPROG
Programming Time
¾
200
1000
ms
tDBSY
Dummy Busy Time for Multi Block
Programming
¾
2
10
ms
tMBPBSY
Multi Block Program Busy Time
¾
200
1000
ms
N
Number of Programming Cycles on Same
Page
¾
¾
3
(1)
tBERASE
Block Erasing Time
¾
2
10
ms
(1): Refer to Application Note (12) toward the end of this document.
: 0 to 30 ns
® Busy signal is not output.
A
CE
RE
tCEH ³ 100 ns
*
525
Busy
BY
/
RY
*: VIH or VIL
A
526
527
tCRY




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TC55VBM316AFTNTENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC55NEM208ATENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TH58100FTTENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC55VCM216ASTN40TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC51WHM616AXBN70TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC55VEM316AXBN40TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC58NVG1S3BFT00TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC58NS256DCTENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 256-MBIT 32M ®8 BITS CMOS NAND E2PROM 32M BYTE SmartMediaTM 1 2 3 4 5 MoreToshiba Semiconductor
TC55V8512FT-12TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC55NEM216AFTN55TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl