Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TA2136F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. TA2136F
Description  TOSHIBA Bipolar Liner Integrated Circuit Silicon Monolithic
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2136F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA2136F Datasheet HTML 1Page - Toshiba Semiconductor TA2136F Datasheet HTML 2Page - Toshiba Semiconductor TA2136F Datasheet HTML 3Page - Toshiba Semiconductor TA2136F Datasheet HTML 4Page - Toshiba Semiconductor TA2136F Datasheet HTML 5Page - Toshiba Semiconductor TA2136F Datasheet HTML 6Page - Toshiba Semiconductor TA2136F Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TA2136F/N
2002-02-12
3
Application Circuit
Mode
Mode1
Mode2
Bypass
L
¾
3D mono
H
L
3D stereo
H
H
Level
Test
(Note 2)
MNGN
(Note 3)
L
-3dB
0dB
H
0dB
-6dB
Note 2: Usually, it is used by fixing to “L” level.
Note 3: Usually, it is not concerned with an L channel input or L and R channel input, but is used by fixing to “L”
level.
Note 4: The Sound Retrieval System (SRS) technology rights incorporated in the TA2136F/N are owned by SRS
Labs, a US Corporation and licensed to Toshiba Semiconductor. The Sound Retrieval System (SRS) is
protected under US and foreign patents used and/or pending. The Sound Retrieval System (SRS), the
and SRS symbol, are trademarks of SRS Labs, Inc. in the United States and selected foreign countries.
Neither the purchase of the TA2136F/N, nor the corresponding sale of audio enhancement equipment
conveys the right to sell commercialized recordings made with any SRS technology. SRS Labs requires that
all users of the TA2136F/N must enter into a license agreement directly with SRS Labs and comply with all
rules and regulations as outlined in the SRS Trademark Usage Manual.
R
- L
L
+ R
VCC
Vref
110 k
W
1.3 k
W
47 k
W
51 k
W
0.47
mF
4700 pF
0.1
mF
Lch-IN
Rch-IN
Lch-OUT
Rch-OUT
+
-
51 k
W 51 kW
Center
Space
8
9
7
5
6
4
3
2
1
12
11
10
17
16
18
20
19
21
22
23
24
13
14
15
MODE1 MODE2
TEST
MNGN
Mode selector
Vref
3D FILTER


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn