Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUD50P04-15 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SUD50P04-15
Description  P-Channel 40-V (D-S), 175C MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD50P04-15 Datasheet(HTML) 3 Page - Vishay Siliconix

  SUD50P04-15 Datasheet HTML 1Page - Vishay Siliconix SUD50P04-15 Datasheet HTML 2Page - Vishay Siliconix SUD50P04-15 Datasheet HTML 3Page - Vishay Siliconix SUD50P04-15 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SUD50P04-15
Vishay Siliconix
New Product
Document Number: 71176
S-00830—Rev. A, 24-Apr-00
www.vishay.com
S FaxBack 408-970-5600
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
20
40
60
80
0
20406080
100
0
2000
4000
6000
8000
0
5
10
15
20
25
30
Output Characteristics
Transfer Characteristics
Capacitance
Gate Charge
Transconductance
On-Resistance vs. Drain Current
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
Qg – Total Gate Charge (nC)
ID – Drain Current (A)
VDS – Drain-to-Source Voltage (V)
0
50
100
150
200
250
02468
10
0
4
8
12
16
20
0
40
80
120
160
0
0.01
0.02
0.03
0.04
0
20406080
100
120
0
20
40
60
80
100
0123456
25
_C
125
_C
5 V
TC = –55_C
VDS = 20 V
ID = 50 A
VGS = 10, 9, 8 V
6 V
VGS = 10 V
VGS = 4.5 V
TC = –55_C
25
_C
125
_C
2, 3 V
Coss
Ciss
ID – Drain Current (A)
4 V
7 V
Crss


Similar Part No. - SUD50P04-15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50P04-15 VISHAY-SUD50P04-15 Datasheet
107Kb / 5P
   P-Channel 40-V (D-S), 175C MOSFET
Rev. A, 24-Apr-00
logo
VBsemi Electronics Co.,...
SUD50P04-15-E3 VBSEMI-SUD50P04-15-E3 Datasheet
976Kb / 9P
   P-Channel 40 V (D-S) MOSFET
SUD50P04-15L-GE3 VBSEMI-SUD50P04-15L-GE3 Datasheet
977Kb / 9P
   P-Channel 40 V (D-S) MOSFET
logo
Vishay Siliconix
SUD50P04-15 VISHAY-SUD50P04-15_05 Datasheet
107Kb / 5P
   P-Channel 40-V (D-S), 175C MOSFET
Rev. A, 24-Apr-00
More results

Similar Description - SUD50P04-15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUB65P04-15 VISHAY-SUB65P04-15 Datasheet
57Kb / 5P
   P-Channel 40-V (D-S) 175C MOSFET
Rev. A, 01-May-00
SUD50P04-09L VISHAY-SUD50P04-09L Datasheet
44Kb / 4P
   P-Channel 40-V (D-S), 175C MOSFET
Rev. B, 06-Aug-07
SUD50P04-15 VISHAY-SUD50P04-15_05 Datasheet
107Kb / 5P
   P-Channel 40-V (D-S), 175C MOSFET
Rev. A, 24-Apr-00
SUB70N04-10 VISHAY-SUB70N04-10 Datasheet
55Kb / 5P
   N-Channel 40-V (D-S), 175C MOSFET
Rev. D, 10-Dec-01
SUM110N04-03L VISHAY-SUM110N04-03L Datasheet
40Kb / 5P
   N-Channel 40-V (D-S) 175C MOSFET
Rev. A, 25-Nov-02
SUB85N04-03 VISHAY-SUB85N04-03 Datasheet
69Kb / 5P
   N-Channel 40-V (D-S) 175C MOSFET
Rev. B, 27-Mar-00
SUP85N04-04 VISHAY-SUP85N04-04 Datasheet
58Kb / 5P
   N-Channel 40-V (D-S) 175C MOSFET
Rev. C, 05-Jul-04
SUM110N04-2M7H VISHAY-SUM110N04-2M7H Datasheet
179Kb / 3P
   N-Channel 40-V (D-S) 175C MOSFET
09-Jun-04
SUD50N04-06H VISHAY-SUD50N04-06H Datasheet
61Kb / 5P
   N-Channel 40-V (D-S), 175C MOSFET
Rev. B, 15-Nov-04
SUD30N04-10 VISHAY-SUD30N04-10 Datasheet
66Kb / 4P
   N-Channel 40-V (D-S), 175C MOSFET
Rev. D, 18-Aug-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com