Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK1743-D45I Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # STK1743-D45I
Description  NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK1743-D45I Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  STK1743-D45I Datasheet HTML 1Page - List of Unclassifed Manufacturers STK1743-D45I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK1743-D45I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK1743-D45I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK1743-D45I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK1743-D45I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK1743-D45I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK1743-D45I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK1743-D45I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
STK1743
March 1999
7-4
WRITE CYCLES #1 & #2
(VCC = 5.0V ± 10%)
Note i:
If W is low when E goes low, the outputs remain in the high-impedance state.
Note j:
E or W must be
≥ V
IH during address transitions.
WRITE CYCLE #1: W Controlledj
WRITE CYCLE #2: E Controlledj
NO.
SYMBOLS
PARAMETER
STK1743-25
STK1743-35
STK1743-45
UNITS
#1
#2
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
12
tAVAV
tAVAV
tWC
Write Cycle Time
25
35
45
ns
13
tWLWH
tWLEH
tWP
Write Pulse Width
20
25
30
ns
14
tELWH
tELEH
tCW
Chip Enable to End of Write
20
25
30
ns
15
tDVWH
tDVEH
tDW
Data Set-up to End of Write
10
12
15
ns
16
tWHDX
tEHDX
tDH
Data Hold after End of Write
0
0
0
ns
17
tAVWH
tAVEH
tAW
Address Set-up to End of Write
20
25
30
ns
18
tAVWL
tAVEL
tAS
Address Set-up to Start of Write
0
0
0
ns
19
tWHAX
tEHAX
tWR
Address Hold after End of Write
0
0
0
ns
20
tWLQZ
h, i
tWZ
Write Enable to Output Disable
10
13
15
ns
21
tWHQX
tOW
Output Active after End of Write
5
5
5
ns
PREVIOUS DATA
DATA OUT
E
ADDRESS
12
tAVAV
W
16
tWHDX
DATA IN
19
tWHAX
13
tWLWH
18
tAVWL
17
tAVWH
DATA VALID
20
tWLQZ
15
tDVWH
HIGH IMPEDENCE
21
tWHQX
14
tELWH
DATA OUT
E
ADDRESS
12
tAVAV
W
DATA IN
13
tWLEH
DATA VALID
HIGH IMPEDENCE
14
tELEH
18
tAVEL
17
tAVEH
15
tDVEH
19
tEHAX
16
tEHDX


Similar Part No. - STK1743-D45I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
STK1744-D25 ETC-STK1744-D25 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
STK1744-D25I ETC-STK1744-D25I Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
STK1744-D35 ETC-STK1744-D35 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
STK1744-D35I ETC-STK1744-D35I Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
More results

Similar Description - STK1743-D45I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14C064PA CYPRESS-CY14C064PA Datasheet
1Mb / 43P
   64-Kbit (8 K x 8) SPI nvSRAM with Real Time Clock with Real Time Clock
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
logo
Cypress Semiconductor
CY14B256KA CYPRESS-CY14B256KA Datasheet
755Kb / 26P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com