Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STM-2016 Datasheet(PDF) 6 Page - Stanford Microdevices

Part No. STM-2016
Description  1800 - 2200 MHz High Linearity Silicon Germanium Active Transmit Mixer
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STANFORD [Stanford Microdevices]
Homepage  
Logo 

STM-2016 Datasheet(HTML) 6 Page - Stanford Microdevices

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions.
Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without
notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices
product for use in life-support devices and/or systems.
Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
6
05/04/01 rev 1.0
Advanced Data Sheet
670  0+]7UDQVPLW 0L[HU
Demo Test Board Schematic
Bill of Materials
Component
Designator
Value
Qty
Vendor
Part Number
Description
A10
1
SMDI
STM-2016
SiGe Transmit Mixer
A7, A8, A12
3
Johnson
Components
142-0701-851
SMA connector, end launch with tab, for 62 mil
pitch thick board
CON
1
Digikey
S1212-36-ND
2-pin header
A9, A11
1:1
2
Panasonic
EHF-FD1619
RF transformer
A2
1:1
1
Mini-Circuits
TC1-1
IF transformer
Lfil
1uH
1
Digikey
PCD1008CT-ND
Inductor, 1210 footprint, min. 200mA rating
C1, C3, C20,
C21, C30
6.8pF
5
Venkel
C0603COG500-6R8CNE
Capacitor, 0603 footprint
C7, C9
100pF
2
Venkel
C0603COG500-101JNE
Capacitor, 0603 footprint
C4, C5
2.2pF
2
Venkel
C0603COG500-2R2CNE
Capacitor, 0603 footprint
C11, C12
4.7pF
2
Venkel
C0603COG500-4R7CNE
Capacitor, 0603 footprint
A7
A10
STM-2016
LON
VEE
VEE
RFP
RFN
VCC
VEE
VEE
VCC
IFN
VCC
VEE
VEE
VCC
IFP
LOP
C9
C7
VCC
C3
C1
VCC
C4
C5
A9
A8
C20
VCC
VCC
C21
C12
C11
A11
A12
A2
VCC
CON
+5V
1
2
Lfil
C30


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn