Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STM-2016 Datasheet(PDF) 4 Page - Stanford Microdevices

Part No. STM-2016
Description  1800 - 2200 MHz High Linearity Silicon Germanium Active Transmit Mixer
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STANFORD [Stanford Microdevices]
Homepage  
Logo 

STM-2016 Datasheet(HTML) 4 Page - Stanford Microdevices

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions.
Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without
notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices
product for use in life-support devices and/or systems.
Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
4
05/04/01 rev 1.0
Advanced Data Sheet
670  0+]7UDQVPLW 0L[HU
Pin Out Description
Pin #
Function
Description
Additional Comments
1
VEE
Ground
2
VCC
Positive supply (+5V)
3
VEE
Ground
4
RFN
RF input, negative terminal
Nominal DC voltage is 2.3V. (Internally biased) Output should be
AC-coupled.
5
RFP
RF input, positive terminal
Nominal DC voltage is 2.3V. (Internally biased) Output should be
AC-coupled.
6
VEE
Ground
7
VCC
Positive supply (+5V)
8
IFN
IF output, negative terminal
Nominal DC voltage is 2.2V. (Internally biased) Input should be AC-
coupled
9
IFP
IF output, positive terminal
Nominal DC voltage is 2.2V. (Internally biased) Input should be AC-
coupled
10
VCC
Positive supply (+5V)
11
VEE
Ground
12
LOP
LO input, positive terminal
Nominal DC voltage is 2.3V. (Internally biased) Input should be AC-
coupled.
13
LON
LO input, negative terminal
Nominal DC voltage is 2.3V. (Internally biased) Input should be AC-
coupled.
14
VEE
Ground
15
VCC
Positive supply (+5V)
16
VEE
Ground


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn