Electronic Components Datasheet Search |
|
R5F1016E Datasheet(PDF) 1 Page - Renesas Technology Corp |
|
R5F1016E Datasheet(HTML) 1 Page - Renesas Technology Corp |
1 / 202 page Datasheet RL78/G13 RENESAS MCU True Low Power Platform (as low as 66 µA/MHz, and 0.57 µA for RTC + LVD), 1.6 V to 5.5 V operation, 16 to 512 Kbyte Flash, 41 DMIPS at 32 MHz, for General Purpose Applications Page 1 of 196 R01DS0131EJ0330 Rev.3.30 Mar 31, 2016 R01DS0131EJ0330 Rev.3.30 Mar 31, 2016 1. OUTLINE 1.1 Features Ultra-low power consumption technology VDD = single power supply voltage of 1.6 to 5.5 V HALT mode STOP mode SNOOZE mode RL78 CPU core CISC architecture with 3-stage pipeline Minimum instruction execution time: Can be changed from high speed (0.03125 μs: @ 32 MHz operation with high-speed on-chip oscillator) to ultra-low speed (30.5 μs: @ 32.768 kHz operation with subsystem clock) Address space: 1 MB General-purpose registers: (8-bit register × 8) × 4 banks On-chip RAM: 2 to 32 KB Code flash memory Code flash memory: 16 to 512 KB Block size: 1 KB Prohibition of block erase and rewriting (security function) On-chip debug function Self-programming (with boot swap function/flash shield window function) Data Flash Memory Data flash memory: 4 KB to 8 KB Back ground operation (BGO): Instructions can be executed from the program memory while rewriting the data flash memory. Number of rewrites: 1,000,000 times (TYP.) Voltage of rewrites: VDD = 1.8 to 5.5 V High-speed on-chip oscillator Select from 32 MHz, 24 MHz, 16 MHz, 12 MHz, 8 MHz, 6 MHz, 4 MHz, 3 MHz, 2 MHz, and 1 MHz High accuracy: +/- 1.0 % (VDD = 1.8 to 5.5 V, TA = -20 to +85°C) Operating ambient temperature TA = -40 to +85°C (A: Consumer applications, D: Industrial applications ) TA = -40 to +105°C (G: Industrial applications) Power management and reset function On-chip power-on-reset (POR) circuit On-chip voltage detector (LVD) (Select interrupt and reset from 14 levels) DMA (Direct Memory Access) controller 2/4 channels Number of clocks during transfer between 8/16-bit SFR and internal RAM: 2 clocks Multiplier and divider/multiply-accumulator 16 bits × 16 bits = 32 bits (Unsigned or signed) 32 bits ÷ 32 bits = 32 bits (Unsigned) 16 bits × 16 bits + 32 bits = 32 bits (Unsigned or signed) Serial interface CSI: 2 to 8 channels UART/UART (LIN-bus supported):2 to 4 channels I2C/Simplified I2C communication: 2 to 8 channels Timer 16-bit timer: 8 to 16 channels 12-bit interval timer: 1 channel Real-time clock: 1 channel (calendar for 99 years, alarm function, and clock correction function) Watchdog timer: 1 channel (operable with the dedicated low-speed on-chip oscillator) A/D converter 8/10-bit resolution A/D converter (VDD = 1.6 to 5.5 V) Analog input: 6 to 26 channels Internal reference voltage (1.45 V) and temperature sensor Note 1 I/O port I/O port: 16 to 120 (N-ch open drain I/O [withstand voltage of 6 V]: 0 to 4, N-ch open drain I/O [VDD withstand voltage Note 2/EVDD withstand voltage Note 3]: 5 to 25) Can be set to N-ch open drain, TTL input buffer, and on-chip pull-up resistor Different potential interface: Can connect to a 1.8/2.5/3 V device On-chip key interrupt function On-chip clock output/buzzer output controller Others On-chip BCD (binary-coded decimal) correction circuit Notes 1. Can be selected only in HS (high-speed main) mode 2. Products with 20 to 52 pins 3. Products with 64 to 128 pins Remark The functions mounted depend on the product. See 1.6 Outline of Functions. |
Similar Part No. - R5F1016E |
|
Similar Description - R5F1016E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |