Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL78-G10 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RL78-G10
Description  True Low Power Platform (as low as 46 關A/MHz), 2.0 to 5.5V Operation
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78-G10 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RL78-G10 Datasheet HTML 1Page - Renesas Technology Corp RL78-G10 Datasheet HTML 2Page - Renesas Technology Corp RL78-G10 Datasheet HTML 3Page - Renesas Technology Corp RL78-G10 Datasheet HTML 4Page - Renesas Technology Corp RL78-G10 Datasheet HTML 5Page - Renesas Technology Corp RL78-G10 Datasheet HTML 6Page - Renesas Technology Corp RL78-G10 Datasheet HTML 7Page - Renesas Technology Corp RL78-G10 Datasheet HTML 8Page - Renesas Technology Corp RL78-G10 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
RL78/G10
1. OUTLINE
R01DS0207EJ0310 Rev.3.10
Aug 12, 2016
Page 3 of 32
1.2 List of Part Numbers
Figure 1-1. Part Number, Memory Size, and Package of RL78/G10
Part No. R 5 F 1 0 Y 1 6 A S P #V0
Package type:
Packaging style
ROM capacity:
RL78/G10 group: 10Y
Renesas MCU
Renesas semiconductor product
SP: 10-pin, LSSOP, 0.65 mm pitch
16-pin, SSOP, 0.65 mm pitch
4: 1 KB
6: 2 KB
7: 4 KB
#V0: Tray
#X0: Embossed Tape
#30: Tray
#50: Embossed Tape
Pin count:
1: 10-pin
4: 16-pin
Classification:
A: Consumer applications, operating ambient temperature : -40°C to +85°C
D: Industrial applications, operating ambient temperature : -40°C to +85°C
Memory type:
F: Flash memory
Table 1-1. List of Ordering Part Numbers
Pin count
Package
Fields of
Application Note
Part Number
10 pins
10-pin plastic LSSOP
(4.4
× 3.6 mm, 0.65 mm pitch)
A
R5F10Y17ASP#30, R5F10Y17ASP#50
R5F10Y16ASP#V0, R5F10Y16ASP#X0
R5F10Y14ASP#V0, R5F10Y14ASP#X0
D
R5F10Y17DSP#30, R5F10Y17DSP#50
R5F10Y16DSP#30, R5F10Y16DSP#50
R5F10Y14DSP#30, R5F10Y14DSP#50
16 pins
16-pin plastic SSOP
(4.4
× 5.0 mm, 0.65 mm pitch)
A
R5F10Y47ASP#30, R5F10Y47ASP#50
R5F10Y46ASP#30, R5F10Y46ASP#50
R5F10Y44ASP#30, R5F10Y44ASP#50
D
R5F10Y47DSP#30, R5F10Y47DSP#50
R5F10Y46DSP#30, R5F10Y46DSP#50
R5F10Y44DSP#30, R5F10Y44DSP#50
(Notes and Caution are listed on the next page.)
<R>
<R>


Similar Part No. - RL78-G10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G11 RENESAS-RL78-G11 Datasheet
1Mb / 139P
   True Low Power Platform
RL78-G12 RENESAS-RL78-G12 Datasheet
998Kb / 110P
   True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
RL78-G13 RENESAS-RL78-G13 Datasheet
1Mb / 202P
   True Low Power Platform
RL78-G14 RENESAS-RL78-G14 Datasheet
2Mb / 213P
   True Low Power Platform
RL78-G1A RENESAS-RL78-G1A Datasheet
1Mb / 129P
   Combines Multi-channel 12-Bit A/D Converter
More results

Similar Description - RL78-G10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G12 RENESAS-RL78-G12 Datasheet
998Kb / 110P
   True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
RL78G1A_15 RENESAS-RL78G1A_15_15 Datasheet
1Mb / 126P
   Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz
RL78 RENESAS-RL78 Datasheet
854Kb / 100P
   True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
R7F0C901B2 RENESAS-R7F0C901B2 Datasheet
1Mb / 90P
   True Low Power Platform (as low as 66 µA/MHz), 1.6 V to 5.5 V operation, 48 to 64 Kbyte Flash, 41 DMIPS at 32 MHz, for General Purpose Applications
Jun 24, 2014
R5F10E8AALA RENESAS-R5F10E8AALA Datasheet
965Kb / 79P
   Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz, and 0.57 關A for RTC LVD), 1.6 V to 3.6 V operation, 16 to 64 Kbyte Flash, 41 DMIPS at 32 MHz
RL78L13 RENESAS-RL78L13_15 Datasheet
187Kb / 14P
   Integrated LCD controller/driver, True Low Power Platform (as low as 112.5 關A/MHz, and 0.61 關A for RTC LVD), 1.6 V to 5.5 V operation, 16 to 128 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78L12 RENESAS-RL78L12_15 Datasheet
922Kb / 80P
   Integrated LCD controller/driver, True Low Power Platform (as low as 62.5 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
R5F10RB8AFP RENESAS-R5F10RB8AFP Datasheet
816Kb / 76P
   Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78-G14 RENESAS-RL78-G14 Datasheet
2Mb / 213P
   True Low Power Platform
logo
Freescale Semiconductor...
AR4100 FREESCALE-AR4100 Datasheet
659Kb / 29P
   Low power modes consuming as little as 5 關A of current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com