Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54LV07A Datasheet(PDF) 1 Page - Texas Instruments

Part No. SN54LV07A
Description  HEX BUFFERS / DRIVERS WITH OPEN - DRAIN OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LV07A Datasheet(HTML) 1 Page - Texas Instruments

  SN54LV07A Datasheet HTML 1Page - Texas Instruments SN54LV07A Datasheet HTML 2Page - Texas Instruments SN54LV07A Datasheet HTML 3Page - Texas Instruments SN54LV07A Datasheet HTML 4Page - Texas Instruments SN54LV07A Datasheet HTML 5Page - Texas Instruments SN54LV07A Datasheet HTML 6Page - Texas Instruments SN54LV07A Datasheet HTML 7Page - Texas Instruments SN54LV07A Datasheet HTML 8Page - Texas Instruments SN54LV07A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN54LV07A, SN74LV07A
HEX BUFFERS/DRIVERS
WITH OPENDRAIN OUTPUTS
SCES337G − MAY 2000 − REVISED DECEMBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 5.5-V VCC Operation
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
>2.3 V at VCC = 3.3 V, TA = 25°C
D Outputs Are Disabled During Power Up and
Power Down With Inputs Tied to VCC
D Support Mixed-Mode Voltage Operation on
All Ports
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
These hex buffers/drivers are designed for 2-V to
5.5-V VCC operation.
The ’LV07A devices perform the Boolean function
Y = A in positive logic.
The open-drain outputs require pullup resistors to
perform correctly and can be connected to other
open-drain outputs to implement active-low
wired-OR or active-high wired-AND functions.
These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the devices when they are powered down.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC − D
Tube of 50
SN74LV07AD
LV07A
SOIC − D
Reel of 2500
SN74LV07ADR
LV07A
SOP − NS
Reel of 2000
SN74LV07ANSR
74LV07A
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74LV07ADBR
LV07A
−40
°C to 85°C
Tube of 90
SN74LV07APW
TSSOP − PW
Reel of 2000
SN74LV07APWR
LV07A
TSSOP − PW
Reel of 250
SN74LV07APWT
LV07A
TVSOP − DGV
Reel of 2000
SN74LV07ADGVR
LV07A
CDIP − J
Tube of 25
SNJ54LV07AJ
SNJ54LV07AJ
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54LV07AW
SNJ54LV07AW
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54LV07AFK
SNJ54LV07AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
SN54LV07A ...FK PACKAGE
(TOP VIEW)
NC − No internal connection
SN54LV07A ...J OR W PACKAGE
SN74LV07A . . . D, DB, DGV, NS, OR PW PACKAGE
(TOP VIEW)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn