Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL78-G1G Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RL78-G1G
Description  Ultra-low power consumption technology
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78-G1G Datasheet(HTML) 3 Page - Renesas Technology Corp

  RL78-G1G Datasheet HTML 1Page - Renesas Technology Corp RL78-G1G Datasheet HTML 2Page - Renesas Technology Corp RL78-G1G Datasheet HTML 3Page - Renesas Technology Corp RL78-G1G Datasheet HTML 4Page - Renesas Technology Corp RL78-G1G Datasheet HTML 5Page - Renesas Technology Corp RL78-G1G Datasheet HTML 6Page - Renesas Technology Corp RL78-G1G Datasheet HTML 7Page - Renesas Technology Corp RL78-G1G Datasheet HTML 8Page - Renesas Technology Corp RL78-G1G Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
RL78/G1G
1. OUTLINE
R01DS0241EJ0130 Rev. 1.30
Page 3 of 67
Sep 30, 2016
1.2
List of Part Numbers
Figure 1 - 1 Part Number, Memory Size, and Package of RL78/G1G
Table 1 - 1 Orderable Part Numbers
Pin Count
Package
Part Number
44 pins
44-pin plastic LQFP (10
 10 mm)
R5F11EFAAFP#30, R5F11EFAAFP#50
R5F11EF8AFP#30, R5F11EF8AFP#50
32 pins
32-pin plastic LQFP (7
 7 mm)
R5F11EBAAFP#30, R5F11EBAAFP#50
R5F11EB8AFP#30, R5F11EB8AFP#50
30 pins
30-pin plastic LSSOP (7.62 mm (300))
R5F11EAAASP#30, R5F11EAAASP#50
R5F11EA8ASP#30, R5F11EA8ASP#50
R 5 F 1 1 E
A AXX XS P
T y pe of pac k ing
# 3 0 : T ra y (L S S O P , L Q F P )
# 5 0 : E m bos s ed ta p e (L S S O P , LQ F P )
P a c k age ty pe
S P : 0 .65 -m m pitc h LS S O P
F P : 0 .80 -m m pitc h LQ F P
R O M c o d e num ber if the pro duc t ha s be en
pre-p rogra m m e d be fo re s h ip m ent
(O m itted fo r bla n k prod uc ts)
F ie ld of ap plic atio n
A : C ons um er a pplic atio ns, op erating am b ie n t
te m perature: -4 0 °C
to +8 5°C
Me m o ry ty p e :
F: Fla s h m e m o ry
R e nes as M C U
R e nes as s e m ic ond uc to r pro duc t
#3 0
N u m ber of pin s :
A: 3 0 -p in
B: 3 2 -p in
F: 4 4 -p in
A
R O M c apa c ity
8 : 8 K B
A: 1 6 KB
R L 78/G 1 G g roup
Pa rt N o .


Similar Part No. - RL78-G1G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G10 RENESAS-RL78-G10 Datasheet
661Kb / 35P
   True Low Power Platform (as low as 46 關A/MHz), 2.0 to 5.5V Operation
RL78-G11 RENESAS-RL78-G11 Datasheet
1Mb / 139P
   True Low Power Platform
RL78-G12 RENESAS-RL78-G12 Datasheet
998Kb / 110P
   True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
RL78-G13 RENESAS-RL78-G13 Datasheet
1Mb / 202P
   True Low Power Platform
RL78-G14 RENESAS-RL78-G14 Datasheet
2Mb / 213P
   True Low Power Platform
More results

Similar Description - RL78-G1G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G1F RENESAS-RL78-G1F Datasheet
1Mb / 143P
   Ultra-low power consumption technology
RL78-I1E RENESAS-RL78-I1E Datasheet
1Mb / 111P
   Ultra-low power consumption technology
RL78-I1D RENESAS-RL78-I1D Datasheet
977Kb / 102P
   Ultra-low power consumption technology
RL78-L13 RENESAS-RL78-L13 Datasheet
1Mb / 126P
   Ultra-low power consumption technology
RAJ240090 RENESAS-RAJ240090 Datasheet
1Mb / 69P
   Ultra-low power consumption technology
logo
ATMEL Corporation
SAM4L ATMEL-SAM4L_14 Datasheet
2Mb / 176P
   Technology for Ultra-low Power Consumption
logo
Taoglas antenna solutio...
AP.10G.01 TAOGLAS-AP.10G.01 Datasheet
724Kb / 12P
   Ultra low power consumption
logo
List of Unclassifed Man...
N20M-BM ETC2-N20M-BM Datasheet
305Kb / 1P
   Ultra low power consumption
logo
Laird Tech Smart Techno...
LT1110 LSTD-LT1110 Datasheet
922Kb / 2P
   Ultra-low power consumption
logo
Taoglas antenna solutio...
AP.10E.07.0039B TAOGLAS-AP.10E.07.0039B Datasheet
401Kb / 13P
   Ultra low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com