Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM6B595F Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

Part # SM6B595F
Description  8-BIT LED DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM6B595F Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

  SM6B595F Datasheet HTML 1Page - SamHop Microelectronics Corp. SM6B595F Datasheet HTML 2Page - SamHop Microelectronics Corp. SM6B595F Datasheet HTML 3Page - SamHop Microelectronics Corp. SM6B595F Datasheet HTML 4Page - SamHop Microelectronics Corp. SM6B595F Datasheet HTML 5Page - SamHop Microelectronics Corp. SM6B595F Datasheet HTML 6Page - SamHop Microelectronics Corp. SM6B595F Datasheet HTML 7Page - SamHop Microelectronics Corp. SM6B595F Datasheet HTML 8Page - SamHop Microelectronics Corp. SM6B595F Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Page 6
ELECTRICAL CHARACTERISTICS (VDD = 5.0V, Ta = 25oC unless otherwise noted)
SM6B595
8-BIT LED DRIVER
SAMHOP Microelectronics Corp.
㆔合微科股份㈲限公司
Symbol
V(BR)DSX
Characteristic
Output breakdownvoltage
Condition
I0=ImA
Min.
Typ. Max.
Unit
30
V
SEP, 2002
IDSX
Off-state leakage current
µA
V
0 =24V, V cc= 5.5V
V
0 =24V, Vcc=5.5V, Tc=125
oC
V
0 =12V, Vcc= 5.5V
V
0 =12V, Vcc=5.5V, Tc=125
oC
IN
IIH
RDS(ON)
Static drain-source
on-state resistance
IIL
VDS(on)=0.5V, Ta=85 oC
90
VI = Vcc =5.5V
µA
I0= 100mA, Vcc= 4.5V
5
VI = 0, Vcc=5.5V
-1
Nominal Current
Logic input current
1
mA
µA
0.5
10
0.1
1
5
30
1
3
SER OUT output voltage
VOH
VOL
V
V
V
V
Propagation delay
(G-OUTn)
Output rise time
Output fall time
tPLH
tPLH
Io = 100mA, CL=30PF
150
Io = 100mA, CL=30PF
90
tr
tf
Io = 100mA, CL=30PF
200
Io = 100mA, CL=30PF
200
ns
ns
ns
ns
I
OH = -20µA, V cc= 4.5V
I
OH = -4mA, Vcc= 4.5V
I
OL =20µA, V cc = 4.5V
I
OL = 4mA, Vcc = 4.5V
4.4
4.49
4.0
4.2
0.005
0.3
0.1
0.5
ICC
VCC=5.5V
20
Logic Supply Current
100
µA


Similar Part No. - SM6B595F

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SM6B VANLONG-SM6B Datasheet
37Kb / 1P
   Ceramic Surface Mount Crystal
SM6B VANLONG-SM6B Datasheet
44Kb / 1P
   Ceramic Surface Mount Crystal The SM6B series incorporates a sub-miniature AT-cut Strip Crystal resomator housed in a miniature 2-ped 6.0x3.5mm
SM6B VANLONG-SM6B_13 Datasheet
44Kb / 1P
   Ceramic Surface Mount Crystal The SM6B series incorporates a sub-miniature AT-cut Strip Crystal resomator housed in a miniature 2-ped 6.0x3.5mm
More results

Similar Description - SM6B595F

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM16705 SAMHOP-SM16705 Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
logo
List of Unclassifed Man...
MBI5001 ETC-MBI5001 Datasheet
244Kb / 9P
   8 BIT CONSTANT CURRENT LED DRIVER
logo
Silan Microelectronics ...
SD16730 SILAN-SD16730 Datasheet
708Kb / 12P
   8-Bit Constant Current LED Driver
logo
Silicon Touch Technolog...
DM11A SITI-DM11A Datasheet
422Kb / 20P
   8-bit Constant Current LED Driver
logo
Holtek Semiconductor In...
HT16D595 HOLTEK-HT16D595 Datasheet
2Mb / 11P
   8-Bit Constant Current LED Driver
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
   8-bit Constant Current LED Sink Driver
logo
Texas Instruments
TLC59108F TI-TLC59108F Datasheet
696Kb / 27P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
TPIC2810 TI1-TPIC2810_15 Datasheet
880Kb / 23P
[Old version datasheet]   8-BIT LED DRIVER WITH 12C INTERFACE
TLC59208F TI-TLC59208F_1 Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634 NXP-PCA9634 Datasheet
201Kb / 38P
   8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com