Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAA230151 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # RAA230151
Description  28.0V Input, Step-Down DC/DC Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA230151 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button RAA230151 Datasheet HTML 6Page - Renesas Technology Corp RAA230151 Datasheet HTML 7Page - Renesas Technology Corp RAA230151 Datasheet HTML 8Page - Renesas Technology Corp RAA230151 Datasheet HTML 9Page - Renesas Technology Corp RAA230151 Datasheet HTML 10Page - Renesas Technology Corp RAA230151 Datasheet HTML 11Page - Renesas Technology Corp RAA230151 Datasheet HTML 12Page - Renesas Technology Corp RAA230151 Datasheet HTML 13Page - Renesas Technology Corp RAA230151 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Page 10 of 25
RAA23014x RAA23015x
R18DS0019EJ0100 REV.1.00
Sep.09.2015
Temperature Derating Curve
0
500
1000
1500
2000
2500
3000
3500
0
25
50
75
100
125
TA(℃)
0
500
1000
1500
2000
2500
3000
3500
0
25
50
75
100
125
TA(℃)
16-pin HTSSOP (RAA23014x)
8-pin HLSOP (RAA23015x)


Similar Part No. - RAA230151

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA230121 RENESAS-RAA230121 Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
RAA230122 RENESAS-RAA230122 Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
RAA230123 RENESAS-RAA230123 Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
RAA23012X RENESAS-RAA23012X Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
RAA230131 RENESAS-RAA230131 Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
More results

Similar Description - RAA230151

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA23012X RENESAS-RAA23012X Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com