Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAA230221 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RAA230221
Description  16V Input, 3A, Dual Step-Down DC/DC Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA230221 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RAA230221 Datasheet HTML 3Page - Renesas Technology Corp RAA230221 Datasheet HTML 4Page - Renesas Technology Corp RAA230221 Datasheet HTML 5Page - Renesas Technology Corp RAA230221 Datasheet HTML 6Page - Renesas Technology Corp RAA230221 Datasheet HTML 7Page - Renesas Technology Corp RAA230221 Datasheet HTML 8Page - Renesas Technology Corp RAA230221 Datasheet HTML 9Page - Renesas Technology Corp RAA230221 Datasheet HTML 10Page - Renesas Technology Corp RAA230221 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Page 7 of 30
RAA23022x RAA23023x
R18DS0017EJ0100 REV.1.00
Apr.21.2015
RAA23023x (2CH DCDC)
Pin No.
Symbol
I/O
Function
1
PGND1
I/O
CH1 Power Ground
2
LX1
O
CH1 Inductor connection
3
Boost1
I
CH1 Boot strap input
(Connect 0.1uF capacitor between LX1 and Boost1)
4
VIN1
I
CH1 Power supply
5
VOUT1
I
CH1 VOUT feedback
6
FB1
I
CH1 Feedback resistor connection
7
GND
I/O
Analog Ground
8
VREG
O
Internal power supply output
(Connect 1uF capacitor between VREG and AGND)
9
PGOOD
O
Power good output (open drain)
CH1 and CH2 stop
:L
CH1 or CH2 operation : HiZ
10
x_AutoPFM
I
Auto PFM mode ON/OFF
x_AutoPFM=”L” : Auto PFM mode (change automatically)
PFM mode at light load
PWM mode at heavy load
x_AutoPFM=“H” : PWM mode (fixed)
11
GND
I/O
Analog Ground
12
GND
I/O
Analog Ground
13
EN1
I
CH1 enable
EN1=“L” : CH1 Stop
EN1=”H” : CH1 Operation
14
EN2
I
CH2 enable
EN2=“L” : CH2 Stop
EN2=”H” : CH2 Operation
15
FB2
I
CH2 Feedback resistor connection
16
VOUT2
I
CH2 VOUT feedback
17
VIN2
I
CH2 Power supply
18
Boost2
I
CH2 Boot strap input
(Connect 0.1uF capacitor between LX2 and Boost2)
19
LX2
O
CH2 Inductor connection
20
PGND2
I/O
CH2 Power Ground


Similar Part No. - RAA230221

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA230214GSB RENESAS-RAA230214GSB Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
RAA230214GSBHA0 RENESAS-RAA230214GSBHA0 Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
Jul 23, 2014
RAA230215GSB RENESAS-RAA230215GSB Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
RAA230215GSBHA0 RENESAS-RAA230215GSBHA0 Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
Jul 23, 2014
RAA23021X RENESAS-RAA23021X Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
Jul 23, 2014
More results

Similar Description - RAA230221

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA23012X RENESAS-RAA23012X Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
logo
AiT Semiconductor Inc.
A7231A AITSEMI-A7231A Datasheet
893Kb / 13P
   DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 3A, 16V SYNCHRONOUS
REV1.0
logo
Renesas Technology Corp
RAA23021X RENESAS-RAA23021X Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
Jul 23, 2014
RAA23021X RENESAS-RAA23021X_15 Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
logo
Zilog, Inc.
IXD3220 ZILOG-IXD3220 Datasheet
1Mb / 18P
   16V Input Voltage Step-Down DC/DC Controller
logo
Linear Technology
LTC3615IUF LINER-LTC3615IUF Datasheet
527Kb / 32P
   Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter
LTC3615 LINER-LTC3615 Datasheet
3Mb / 32P
   Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter
LTC3615-1 LINER-LTC3615-1_15 Datasheet
590Kb / 32P
   Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter
LTC3615 LINER-LTC3615_15 Datasheet
590Kb / 32P
   Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com