Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2A20134ASP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R2A20134ASP
Description  LED Lighting Power Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20134ASP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R2A20134ASP_16 Datasheet HTML 6Page - Renesas Technology Corp R2A20134ASP_16 Datasheet HTML 7Page - Renesas Technology Corp R2A20134ASP_16 Datasheet HTML 8Page - Renesas Technology Corp R2A20134ASP_16 Datasheet HTML 9Page - Renesas Technology Corp R2A20134ASP_16 Datasheet HTML 10Page - Renesas Technology Corp R2A20134ASP_16 Datasheet HTML 11Page - Renesas Technology Corp R2A20134ASP_16 Datasheet HTML 12Page - Renesas Technology Corp R2A20134ASP_16 Datasheet HTML 13Page - Renesas Technology Corp R2A20134ASP_16 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
R2A20134ASP
R03DS0067EJ0301 Rev.3.01
Page 11 of 13
Jan 08, 2016
2. Peak Current and Zero Current Detection Mode Buck-Converter
2.1 System Diagram
From OUT
C1
L1
D1
Q1
To
CS
filter
Rcs
Ri1
D2
From D
Q
D
D3
R2
R1
Rsub
D4
(*1)
(*2)
(*1)
This parts are necessary for
LED open protection(OVP).
(*2)
When you use only inductor short
protection, Please set R2 to 0
Ω.
To Q
0.1
μ
Rec+
Rec–
Iin
Iout
Iled
Vout
10
μ
+
Z1
Vin
Logic Block
RAMP Control
1st OCP
4
VREF
5
CS
8
VCC
6
GND
OUT
0.6V
+
2.5V
+
2V
1V
Max Duty Detect
+
+
1V
0.605V
Error
Amp
VREF
250n
1
FB
+
10p
VREF
OFF: 9.2V/ON: 12V
VREF: 5.02V
UVLO
COMP
4.1V
TSD ON: 155°C
OFF: 110°C
2
S
R
Q
7
+
VREF
Rrt
RT
3
VCC
VREF
15
μ
2nd OCP&OVP


Similar Part No. - R2A20134ASP_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20134ASP RENESAS-R2A20134ASP_15 Datasheet
570Kb / 14P
   LED Lighting Power Controller
More results

Similar Description - R2A20134ASP_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20134SP RENESAS-R2A20134SP Datasheet
112Kb / 11P
   LED Lighting Power Controller
R2A20134SP RENESAS-R2A20134SP_15 Datasheet
112Kb / 11P
   LED Lighting Power Controller
logo
Texas Instruments
UCC28810 TI1-UCC28810_15 Datasheet
1Mb / 34P
[Old version datasheet]   LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20135SP RENESAS-R2A20135SP_16 Datasheet
290Kb / 12P
   LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP Datasheet
734Kb / 14P
   LED Lighting Power Controller
Jan 08, 2016
R2A20134SP RENESAS-R2A20134SP_16 Datasheet
276Kb / 11P
   LED Lighting Power Controller
logo
Texas Instruments
UCC28810 TI-UCC28810_11 Datasheet
1Mb / 33P
[Old version datasheet]   LED LIGHTING POWER CONTROLLER
UCC28810 TI-UCC28810 Datasheet
1Mb / 31P
[Old version datasheet]   LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20134ASP RENESAS-R2A20134ASP_15 Datasheet
570Kb / 14P
   LED Lighting Power Controller
R2A20135SP RENESAS-R2A20135SP_15 Datasheet
117Kb / 12P
   LED Lighting Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com