Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2A20134ASP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R2A20134ASP
Description  LED Lighting Power Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20134ASP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R2A20134ASP_16 Datasheet HTML 2Page - Renesas Technology Corp R2A20134ASP_16 Datasheet HTML 3Page - Renesas Technology Corp R2A20134ASP_16 Datasheet HTML 4Page - Renesas Technology Corp R2A20134ASP_16 Datasheet HTML 5Page - Renesas Technology Corp R2A20134ASP_16 Datasheet HTML 6Page - Renesas Technology Corp R2A20134ASP_16 Datasheet HTML 7Page - Renesas Technology Corp R2A20134ASP_16 Datasheet HTML 8Page - Renesas Technology Corp R2A20134ASP_16 Datasheet HTML 9Page - Renesas Technology Corp R2A20134ASP_16 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
R2A20134ASP
R03DS0067EJ0301 Rev.3.01
Page 6 of 13
Jan 08, 2016
Electrical Characteristics (cont.)
(Ta = 25°C, VCC = 15 V, CS = 0 V, FB = COMP, RRT = 200 k
Ω)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
OUT
Rise time
tr-out
30
100
ns
CL = 1000 pF,
FB = 0.3 V, COMP = 2.5 V
Fall time
tf-out
30
100
ns
CL = 1000 pF,
FB = 0.3 V, COMP = 2.5 V
OUT low voltage
Vol1-out
0.08
0.20
V
Isink = 20 mA
Vol2-out
0.05
0.70
V
Isink = 10 mA, VCC = 5 V
OUT high voltage
Voh-out
14.5
14.8
V
Isource = –20 mA *1
OUT frequency
fout
43
48
53
kHz
RT-Vref: 200 k
Ω *3
Maximum duty cycle
Dmax
47
52
57
%
RT-Vref: 200 k
Ω
Over
current
protection
OCP threshold voltage
Vocp
0.57
0.6
0.63
V
OCP blanking time
tblank
170
300
450
ns
Input bias current
Ics
–30
–15
–7.5
μA
Vcs = 0 mV
2nd over
current
and over
voltage
protection
2nd OCP threshold
voltage
V2ndocp
2.25
2.5
2.75
V
Thermal
shut
down
Shut down temperature
TSD_ON
140
155
170
°C
*1
TSD release
temperature
TSD_OFF
90
110
130
°C
*1
Notes: 1. Design spec.
3. The fout is adjusted by changing resistance of Rrt connected between RT-VREF terminals.
Reference data and a calculating formula are shown as follows.
0
50
100
150
200
250
0
1020304050
fout (Reference data)
fout (Calculation)
* The graph is for reference only and does not guarantee actual
characteristic.
Irt [
μA]
fout [kHz] =
1
(100
× 10–9 × Rrt) + (360 × 10–6)
VREF
RT
Pin 3
Pin 4
Rrt


Similar Part No. - R2A20134ASP_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20134ASP RENESAS-R2A20134ASP_15 Datasheet
570Kb / 14P
   LED Lighting Power Controller
More results

Similar Description - R2A20134ASP_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20134SP RENESAS-R2A20134SP Datasheet
112Kb / 11P
   LED Lighting Power Controller
R2A20134SP RENESAS-R2A20134SP_15 Datasheet
112Kb / 11P
   LED Lighting Power Controller
logo
Texas Instruments
UCC28810 TI1-UCC28810_15 Datasheet
1Mb / 34P
[Old version datasheet]   LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20135SP RENESAS-R2A20135SP_16 Datasheet
290Kb / 12P
   LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP Datasheet
734Kb / 14P
   LED Lighting Power Controller
Jan 08, 2016
R2A20134SP RENESAS-R2A20134SP_16 Datasheet
276Kb / 11P
   LED Lighting Power Controller
logo
Texas Instruments
UCC28810 TI-UCC28810_11 Datasheet
1Mb / 33P
[Old version datasheet]   LED LIGHTING POWER CONTROLLER
UCC28810 TI-UCC28810 Datasheet
1Mb / 31P
[Old version datasheet]   LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20134ASP RENESAS-R2A20134ASP_15 Datasheet
570Kb / 14P
   LED Lighting Power Controller
R2A20135SP RENESAS-R2A20135SP_15 Datasheet
117Kb / 12P
   LED Lighting Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com