Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

749196248 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part No. 749196248
Description  WE-FLEX HV Flexible Transformer for DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

749196248 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  749196248 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 749196248 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 749196248 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 749196248 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 749196248 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions: [mm]
16,3 max.
2,5 ±0,2
0,70 ±0,1
1
6
12
7
Scale - 1,5:1
Pin 1
Marking
749196248
Marking - Date Code
YYWW
Product Marking:
Recommended Land Pattern: [mm]
2,50
1,75
1
6
12
7
Scale - 1,5:1
Schematic:
1
12
4
9
2
11
5
8
3
10
6
7
N1
N4
N2
N5
N3
N6
Properties
Test conditions
Value
Unit
Tol.
Inductance Base
100 kHz/ 100 mV
LBASE
6.6
µH
±20%
Turns Ratio
n
1:1:1:1:1:1
Voltage-µSecond Base
∫Udt Base
63.4
µVs
max.
Rated Current Base
ΔT = 40 K
IR BASE
0.8
A
typ.
Saturation Current Base
|ΔL/L| < 10 %
ISAT BASE
1.6
A
typ.
DC Resistance Base
@ 20 °C
RDC BASE
200
max.
Leakage Inductance Base
100 kHz/ 1 V
LS BASE
0.17
µH
typ.
Insulation Test Voltage
all windings
UT
1500
V (AC)
Electrical Properties:
It is recommended that the temperature of the component does not exceed +125°C under worst
case conditions
Operating Temperature
-40 °C up to +125 °C
Storage Temperature (in original
packaging)
-40 °C up to +85 °C
Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently
General Information:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
TBr
DIN ISO 2768-1m
DESCRIPTION
WE-FLEX HV Flexible Transformer
for DC/DC Converter
ORDER CODE
749196248
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
ER14.5/6
001.000
Valid
2017-01-05
eiSos
1/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn